Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRM32F439 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SRM32F439
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRM32F439 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SRM32F439 Datasheet HTML 6Page - STMicroelectronics SRM32F439 Datasheet HTML 7Page - STMicroelectronics SRM32F439 Datasheet HTML 8Page - STMicroelectronics SRM32F439 Datasheet HTML 9Page - STMicroelectronics SRM32F439 Datasheet HTML 10Page - STMicroelectronics SRM32F439 Datasheet HTML 11Page - STMicroelectronics SRM32F439 Datasheet HTML 12Page - STMicroelectronics SRM32F439 Datasheet HTML 13Page - STMicroelectronics SRM32F439 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 91 page
background image
Display and graphics overview
AN4861
10/91
DocID029237 Rev 2
Figure 3. Display module without controller nor GRAM
Figure 4. Display module without controller nor GRAM and with external framebuffer
Display technologies
There are many display technologies available on the market, the two main technologies
used are described below:
•
LCD-TFT displays (liquid crystal display - thin film transistor): is a variant of LCD that
uses the TFT technology to improve the control of each pixel. Thanks to the TFT
technology, each pixel can be controlled by a transistor, allowing a fast response time
and an accurate color control.
•
OLED displays (organic LED): the pixels are made of organic LEDs emitting directly the
light, offering a better contrast and an optimized consumption. The OLED technology
enables the possibility to use flexible displays, as no glass nor backlight are required.
The response time is very fast and the viewing angle is free as it does not depend on
any light polarization.
The way of driving the display module is quite similar in TFT and OLED technologies, the
main difference is in the backlight requirement, as the OLED is not requiring any.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com