Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRM32F439 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SRM32F439
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRM32F439 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SRM32F439 Datasheet HTML 5Page - STMicroelectronics SRM32F439 Datasheet HTML 6Page - STMicroelectronics SRM32F439 Datasheet HTML 7Page - STMicroelectronics SRM32F439 Datasheet HTML 8Page - STMicroelectronics SRM32F439 Datasheet HTML 9Page - STMicroelectronics SRM32F439 Datasheet HTML 10Page - STMicroelectronics SRM32F439 Datasheet HTML 11Page - STMicroelectronics SRM32F439 Datasheet HTML 12Page - STMicroelectronics SRM32F439 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
DocID029237 Rev 2
9/91
AN4861
Display and graphics overview
89
•
The framebuffer is a volatile memory used to store pixel data of the image to be
displayed. This memory is usually called the graphic RAM (GRAM). The required size
of the framebuffer depends on the resolution and color depth of the display. See
Section 4.2.1: Framebuffer memory size requirements and location for more
information on the required size of the framebuffer.
–
Double buffering is a technique which uses double framebuffers to avoid
displaying what is being written to the framebuffer.
•
The display controller is continuously “refreshing” the display, transferring the
framebuffer content to the display glass 60 times per second (60 Hz). The display
controller can be embedded either in the display module or in the MCU.
•
The display glass is driven by the display controller and is the responsible to display the
image (which is composed of a matrix of pixels).
A display is characterized by:
–
Display size (resolution): is defined by the number of pixels of the display which is
represented by horizontal (pixels number) x vertical (lines number).
–
Color depth: defines the number of colors in which a pixel can be drawn. It is
represented in bits per pixel (bpp). For a color depth of 24 bpp (which can also be
represented by RGB888) a pixel can be represented in 16777216 colors.
–
Refresh rate (in Hz): is the number of times per second that the display panel is
refreshed. A display shall be refreshed 60 times per seconds (60 Hz) since lower
refresh rate creates bad visual effects.
Display module categories
The display modules are classified in two main categories, depending on whether they
embed or not an internal controller and a GRAM.
•
The first category corresponds to the displays with an on-glass display controller and a
GRAM (see Figure 2).
•
The second category corresponds to the displays with an on-glass display with no main
controller and that have only a low-level timing controller.
To interface with displays without controller nor GRAM the used framebuffer may be
located in the MCU's internal SRAM (see Figure 3) or located in an external memory
(see Figure 4).
Figure 2. Display module with embedded controller and GRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com