Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRM32F439 Datasheet(PDF) 33 Page - STMicroelectronics

Part # SRM32F439
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRM32F439 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button SRM32F439 Datasheet HTML 29Page - STMicroelectronics SRM32F439 Datasheet HTML 30Page - STMicroelectronics SRM32F439 Datasheet HTML 31Page - STMicroelectronics SRM32F439 Datasheet HTML 32Page - STMicroelectronics SRM32F439 Datasheet HTML 33Page - STMicroelectronics SRM32F439 Datasheet HTML 34Page - STMicroelectronics SRM32F439 Datasheet HTML 35Page - STMicroelectronics SRM32F439 Datasheet HTML 36Page - STMicroelectronics SRM32F439 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
DocID029237 Rev 2
33/91
AN4861
Creating a graphical application with LTDC
89
Using the internal SRAM instead of an external SRAM or SDRAM has many advantages:
•
Provides a higher throughput (0 wait state access).
•
Reduces the number of required pins and the PCB design complexity.
•
Reduces the BOM, hence the cost, since no external memory is needed.
The only limitation when using the internal SRAM is its limited size (hundreds of Kilobytes).
When the framebuffer size exceeds the available memory, the external SDRAM or SRAM
(driven by the FMC interface) should be used. However, when dealing with external
memories, the user must be careful to avoid bandwidth limitation. For more detailed
information refer to Section 4.5: Graphic performance optimization.
Note:
The color look-up table CLUT can be used to decrease the required framebuffer size. (For
more details refer to the relevant STM32 MCU reference manual).
4.2.2
Checking display compatibility considering the memory
bandwidth requirements
The scope of this section is to explain how to check a display compatibility considering the
framebuffer memory bandwidth. For that, this section describes some important bandwidth
aspects and explains how to determine the required bandwidth for the pixel clock and the
LTDC. Finally, this section shows a simple method that allows to conclude whether a
desired display size is compatible with a specific hardware configuration.
Framebuffer memory bandwidth aspects
Once that the framebuffer location is fixed (either in internal or external memory), the user
should check if its bandwidth can sustain the hardware configuration.
In order to check if the memory bandwidth can sustain the LTDC required bandwidth, the
user must consider any other concurrent accesses to the memory.
In general, a small size framebuffer located in the internal RAM does not require a high
bandwidth. This is because a small size framebuffer means low pixel clock, hence low LTDC
required bandwidth.
A more complex use case to analyze is when the framebuffer is located in an external
memory (SDRAM or SRAM).
Framebuffer memory bus concurrency
•
LTDC, DMA2D and CPU masters
In a typical graphic application where an external SDRAM or SRAM memory is used as
framebuffer, two or three main AHB masters concurrently use the same memory.
The DMA2D (or the CPU) updates the next image to be displayed while the LTDC fetches
and displays the actual image. The memory bus load depends mainly on the LTDC required
bandwidth.
•
Other AHB masters
It is common that an external SDRAM or SRAM memory is shared by other masters and not
only by those used for graphics. This concurrency leads to heavy bus load and may impact
the graphic performances.
Figure 21 shows all the AHB masters with concurrent access to the SDRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com