Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRM32F439 Datasheet(PDF) 25 Page - STMicroelectronics

Part # SRM32F439
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRM32F439 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SRM32F439 Datasheet HTML 21Page - STMicroelectronics SRM32F439 Datasheet HTML 22Page - STMicroelectronics SRM32F439 Datasheet HTML 23Page - STMicroelectronics SRM32F439 Datasheet HTML 24Page - STMicroelectronics SRM32F439 Datasheet HTML 25Page - STMicroelectronics SRM32F439 Datasheet HTML 26Page - STMicroelectronics SRM32F439 Datasheet HTML 27Page - STMicroelectronics SRM32F439 Datasheet HTML 28Page - STMicroelectronics SRM32F439 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 91 page
background image
DocID029237 Rev 2
25/91
AN4861
LCD-TFT (LTDC) display controller description
89
Figure 15. LTDC fully programmable display resolution with
total width up to 4096 pixels and total height up to 2048 lines
1. Only the active display area is shown in this figure.
3.3
Two programmable LTDC layers
The LTDC features two layers, and each layer can be enabled, disabled and configured
separately. The order of the layer display is fixed, so it is always bottom-up. If two layers are
enabled, the Layer2 is the top displayed window.
The LTDC features configurable blending factors. Blending is always active using an alpha
value. The blending order is fixed and it is always bottom-up. If two layers are enabled, first
the Layer1 is blended with the background color, and then the Layer2 is blended with the
result of the blended color of Layer1 and the background.
The background color is programmable through the LTDC_BCCR register. A constant
background color can be programmed in the RGB888 format where the BCRED[7:0] field is
used for the red value, the BCGREEN[7:0] is used for the green value and the
BCBLUE[7:0] is used for the blue value.
Figure 16 illustrates the blending of two layers with a background.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com