Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 177 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 177 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 173Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 174Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 175Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 176Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 177Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 178Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 179Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 180Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 237 page
background image
Table 121. MDIO Slave timing parameters
Symbol
Parameter
Min
Typ
Max(1)
Unit
FMDC
Management Data Clock
-
-
30
MHz
td(MDIO)
Management Data Iput/output output valid time
9
11
21
ns
tsu(MDIO)
Management Data Iput/output setup time
2.5
-
-
th(MDIO)
Management Data Iput/output hold time
1
-
-
1. At VOS1, these values are degraded by up to 5 %.
Figure 75. MDIO Slave timing diagram
tsu(MDIO)
tMDC)
th(MDIO)
td(MDIO)
6.3.36.7
SD/SDIO MMC card host interface (SDMMC) characteristics
Unless otherwise specified, the parameters given in Table 122 and Table 123 for SDIO are derived from
tests performed under the ambient temperature, fPCLKx frequency and VDD supply voltage summarized in
Table 22. General operating conditions and Section 6.3.1 , with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load CL=30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
•
IO Compensation cell activated.
•
HSLV activated when VDD ≤ 2.7 V
•
VOS level set to VOS0
Note:
At VOS1, the performance can be degraded by up to 5 % compared to VOS0. This is indicated by a footnote
when applicable.
Refer to Section 6.3.16 I/O port characteristics for more details on the input/output characteristics.
Table 122. Dynamics characteristics: SDMMC characteristics, VDD=2.7 to 3.6 V
Above 100 MHz, CL = 20 pF.
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)(2)
Unit
fPP
Clock frequency in data transfer mode
-
0
-
133
MHz
-
SDIO_CK/fPCLK2 frequency ratio
-
-
-
8/3
-
tW(CKL)
Clock low time
fPP =52 MHz
8.5
9.5
-
ns
tW(CKH)
Clock high time
fPP =52 MHz
8.5
9.5
-
CMD, D inputs (referenced to CK) in eMMC legacy/SDR/DDR and SD HS/SDR/DDR mode
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 177/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com