Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 179 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 179 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 175Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 176Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 177Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 178Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 179Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 180Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 181Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 182Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 237 page
background image
Figure 76. SDIO high-speed mode
Figure 77. SD default mode
CK
D, CMD(output)
tOVD
tOHD
Figure 78. DDR mode
Data output
IO0
IO2
IO4
Clock
Data input
IO0
IO2
IO4
t(CLK)
tw(CLKH)
tw(CLKL)
tr(CLK)
tf(CLK)
tsf(IN) thf(IN)
tvf(OUT)
thr(OUT)
IO1
IO3
IO5
IO1
IO3
IO5
tvr(OUT)
thf(OUT)
tsr(IN)thr(IN)
6.3.36.8
USB OTG_FS characteristics
Unless otherwise specified, the parameters given in Table 124. Dynamics characteristics: USB OTG_FS for ULPI
are derived from tests performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
summarized in Table 22. General operating conditions and Section 6.3.1 , with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load CL=20 pF
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 179/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com