Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 181 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 181 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 177Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 178Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 179Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 180Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 181Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 182Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 183Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 184Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 237 page
background image
Figure 79. ULPI timing diagram
Clock
Control In
(ULPI_DIR,ULPI_NXT)
data In
(8-bit)
Control out
(ULPI_STP)
data out
(8-bit)
tDD
tDC
tHD
tSD
tHC
tSC
tDC
6.3.36.10
JTAG/SWD interface characteristics
Unless otherwise specified, the parameters given in Table 126 and Table 127 for JTAG/SWD are derived from
tests performed under the ambient temperature, frcc_cpu_ck frequency and VDD supply voltage summarized in
Table 22. General operating conditions and Section 6.3.1 , with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load CL=30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
•
VOS level set to VOS0
Note:
At VOS1, the performance can be degraded by up to 5 % compared to VOS0. This is indicated by a footnote
when applicable.
Refer to Section 6.3.16 I/O port characteristics for more details on the input/output characteristics:
Table 126. Dynamics JTAG characteristics
Symbol
Parameter
Conditions
Min
Typ
Max(1)
Unit
Fpp
TCK clock frequency
2.7 V <VDD< 3.6 V
-
-
35
MHz
1/tc(TCK)
1.62 V <VDD< 3.6 V
-
-
27.5
ns
tisu(TMS)
TMS input setup time
-
1
-
-
tih(TMS)
TMS input hold time
-
1
-
-
tisu(TDI)
TDI input setup time
-
1.5
-
-
tih(TDI)
TDI input hold time
-
1
-
-
tov(TDO)
TDO output valid time
2.7 V <VDD< 3.6 V
-
8
14
1.62 V <VDD< 3.6 V
-
8
18
toh(TDO)
TDO output hold time
-
7
-
-
1. At VOS1, these values are degraded by up to 5 %.
Table 127. Dynamics SWD characteristics
Symbol
Parameter
Conditions
Min
Typ
Max(1)
Unit
Fpp
SWCLK clock frequency
2.7V <VDD< 3.6 V
-
-
76
MHz
1/tc(SWCLK)
1.62 <VDD< 3.6 V
-
-
55.5
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 181/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com