Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 48 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 44Page - STMicroelectronics L99DZ100GP Datasheet HTML 45Page - STMicroelectronics L99DZ100GP Datasheet HTML 46Page - STMicroelectronics L99DZ100GP Datasheet HTML 47Page - STMicroelectronics L99DZ100GP Datasheet HTML 48Page - STMicroelectronics L99DZ100GP Datasheet HTML 49Page - STMicroelectronics L99DZ100GP Datasheet HTML 50Page - STMicroelectronics L99DZ100GP Datasheet HTML 51Page - STMicroelectronics L99DZ100GP Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 197 page
background image
Electrical specifications
L99DZ100G, L99DZ100GP
48/197
DS11546 Rev 5
Figure 13. IGHxf ranges
3.4.16
Drain source monitoring external H-bridge
The voltages are referred to power ground and currents are assumed positive, when the
current flows into the pin. 6 V ≤ VS ≤ 28 V; 6 V ≤ VSREG ≤ 28 V; Tj = -40°C to 150 °C, unless
otherwise specified.
Table 22. Drain source monitoring external H-bridge
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VSCd1_HB
Drain-source threshold voltage
0.375
0,5
0.625
V
VSCd2_HB
Drain-source threshold voltage
0.6
0,75
0.9
V
VSCd3_HB
Drain-source threshold voltage
0,85
1
1,15
V
VSCd4_HB
Drain-source threshold voltage
1,06
1,25
1,43
V
VSCd5_HB
Drain-source threshold voltage
1,27
1,5
1,73
V
VSCd6_HB
Drain-source threshold voltage
1,49
1,75
2,01
V
VSCd7_HB
Drain-source threshold voltage
1,7
2
2,3
V
tSCd_HB
Drain-source monitor filter time
6
µs
tscs_HB
Drain-source comparator settling
time
VS = 13.5 V;
VSH = jump from GND to VS
5µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com