Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 98 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 98 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 94Page - STMicroelectronics L99DZ100GP Datasheet HTML 95Page - STMicroelectronics L99DZ100GP Datasheet HTML 96Page - STMicroelectronics L99DZ100GP Datasheet HTML 97Page - STMicroelectronics L99DZ100GP Datasheet HTML 98Page - STMicroelectronics L99DZ100GP Datasheet HTML 99Page - STMicroelectronics L99DZ100GP Datasheet HTML 100Page - STMicroelectronics L99DZ100GP Datasheet HTML 101Page - STMicroelectronics L99DZ100GP Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 197 page
background image
Application information
L99DZ100G, L99DZ100GP
98/197
DS11546 Rev 5
4.14
Power outputs OUT1..15 and OUT_HS
The component provides a total of 6 half bridges outputs OUT1..6 to drive motors and 10
stand alone high-side outputs OUT7..15 and OUT_HS to drive e.g. LED’s, bulbs or to supply
contacts. All high-side outputs beside OUT_HS and OUT15 are supplied by the pin VS and
OUT_HS and OUT15 are supplied by the buffered supply VSREG. OUT_HS is intended to be
used as contact supply. Beside OUT15 and OUT_HS the high-side switches can be
activated only in case of running charge pump. OUT15 and OUT_HS can be activated also
in standby modes.
All high-side and low-side outputs switch off in case of:
VS (VSREG) overvoltage and undervoltage (depending on configuration, see
Section 4.12.2: VSREG supply failure)
Overcurrent (depending on configuration, auto recovery mode (see below)
Overtemperature (TSD1x/ cluster or single mode)
Fail safe event
Loss of GND at SGND pin
In case of overcurrent or overtemperature (TSD1_CLx (SR 6)) condition, the drivers will
switch off. The according status bit will be latched and can be read and optionally cleared by
SPI. The drivers remain off until the status is cleared. In case overvoltage/ undervoltage
condition, the drivers will be switched off. The according status bit will be latched and can be
read and optionally cleared by SPI. If VSREG_LOCK_EN (CR 3) respectively
VS_LOCK_EN (CR 3) are set, the drivers remain off until the status is cleared. If the
VS_LOCK_EN or VSREG_LOCK_EN) bit is set to 0, the drivers will switch on automatically
if the error condition disappears. Undervoltage and overvoltage shutdown can be disabled
by SPI. In case of open-load condition, the according status register will be latched. The
status can be read and optionally cleared by SPI. The high and low-side outputs are not
switched off in case of open-load condition.
For OUT1..OUT8 and OUT_HS the auto recovery feature (OUTx_OCR (CR 7)) can be
enabled. If these bits are set to 1 the driver will automatically restart from an overload
condition. This overload recovery feature is intended for loads which have an initial current
higher than the overcurrent limit of the output (e.g. Inrush current of cold light bulbs). The
SPI bits OUTx_OCR_ALERT (SR4) indicate that the output reached auto-recovery
condition.
Note:
The maximum voltage and current applied to the High-side Outputs is specified in the
‘Absolute Maximum Ratings’. Appropriate external protection may be required in order to
respect these limits under application conditions. In case of outputs switch off due to loss of
ground at SGND pin, the device has to be re-started through a power off on both VS and
VSREG.
Each of the stand alone high-side driver outputs OUT7 … OUT15 and OUT_HS can be
driven with an internally generated PWM signal, an internal Timer or with DIR1 respectively
DIR2. See table below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com