Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 53 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 49Page - STMicroelectronics L99DZ100GP Datasheet HTML 50Page - STMicroelectronics L99DZ100GP Datasheet HTML 51Page - STMicroelectronics L99DZ100GP Datasheet HTML 52Page - STMicroelectronics L99DZ100GP Datasheet HTML 53Page - STMicroelectronics L99DZ100GP Datasheet HTML 54Page - STMicroelectronics L99DZ100GP Datasheet HTML 55Page - STMicroelectronics L99DZ100GP Datasheet HTML 56Page - STMicroelectronics L99DZ100GP Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 197 page
background image
DS11546 Rev 5
53/197
L99DZ100G, L99DZ100GP
Electrical specifications
196
Table 30. CAN transmit data input: pin TxDC
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VTXDCLOW
Input voltage dominant
level
1.0
1.45
2.0
V
VTXDCHIGH
Input voltage recessive
level
1.2
1.85
2.3
V
VTXDCHYS
VTXDCHIGH-VTXDCLOW
0.2
0.4
0.7
V
RTXDCPU
TXDC pull up resistor
16
35
60
kΩ
td,TXDC(dom-rec)
TXDC - CANH,L delay
time dominant -
recessive
RL = 60 Ω; CL = 100 pF; 70 %
VRXD – 30% VDIFF; TXDC rise
time = 10 ns (10% - 90%)(1)
0120
ns
td,TXDC(rec-diff)
TXDC - CANH,L delay
time recessive -
dominant
RL = 60 Ω; CL = 100 pF; 30 %
VRXD – 70% VDIFF; TXDC fall
time = 10 ns (90% - 10%)(1)
0120
ns
tdom(TXDC)
TXDC dominant time-out
0.8
2
5
ms
1. Guaranteed by design.
Table 31. CAN receive data output: Pin RxDC
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VRXDCLOW
Output voltage dominant level IRXDC = 2 mA
0
0.2
0.5
V
VRXDCHIGH
Output voltage recessive
level
IRXDC = -2 mA
V1 - 0.5 V1 - 0.2
V1
V
tr,RXDC
RXDC rise time
CL = 15 pF; 
30% - 70% VRXDC(1)
025
ns
tf,RXDC
RXDC fall time
CL = 15 pF; 
70% - 30% VRXDC(1)
025
ns
td,RXDC(dom-rec)
CANH,L – RXDC delay time
dominant - recessive
CL = 15 pF; 
30% VDIFF – 70% VRXDC(1)
0
120
ns
td,RXDC(rec - dom)
CANH,L – RXDC delay time
recessive - dominant
CL = 15 pF; 
70% VDIFF – 30% VRXDC(1)
0
120
ns
1. Guaranteed by design.
Table 32. CAN transmitter dominant output characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
VCANHdom
Single ended CANH voltage
level in dominant state
VTXDC = VTXDCLOW; RL = 50 Ω;
65 Ω
2.75
3.5
4.5
V
VCANLdom
Single ended CANL voltage
level in dominant state
VTXDC = VTXDCLOW; 
RL = 50 Ω; 65 Ω
0.5
1.5
2.25
V
VDIFF,dom
Differential output voltage in
dominant state: VCANHdom-
VCANLdom
VTXDC = VTXDCLOW; 
RL = 50 Ω; 65 Ω
1.5
2.0
3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com