| Electronic Components Datasheet Search |
|
L99DZ100GP Datasheet(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ100GP Datasheet(HTML) 83 Page - STMicroelectronics |
|
83 / 197 page ![]() DS11546 Rev 5 83/197 L99DZ100G, L99DZ100GP Application information 196 If the Fail Safe mode was entered it keeps active until the Fail safe condition is removed and the Fail Safe was read by SPI. Depending on the root cause of the Fail Safe operation, the actions to exit Fail safe mode are as shown in the following table. 4.7.2 Non-recoverable failures – forced Vbat_standby mode If the Fail-safe condition persists and all attempts to return to normal system operation fail, the devices enter the Forced Vbat_standby mode in order to prevent damage to the system. The Forced Vbat_standby mode can be terminated by any wake-up source. The root cause of the Forced Vbat_standby mode is indicated in the SPI Status Registers. In forced Vbatstby mode and with Fail Safe conditions still present at wake-up, the Fails safe low side outputs LSx_FSO are switched OFF for 25us after the wake up event. In Forced Vbat_standby mode, all Control Registers are set to power-on default values except: SWEN (CR1<bit 7>) All bits from CR23 to CR29 CP_DITH_DIS (Config. Reg <bit 5>) The Forced Vbat_standby mode is entered in case of: Multiple watchdog failures: FORCED_SLEEP_WD (SR 1) = 1 (15 x watchdog failure) Multiple thermal shutdown 2: FORCED_SLEEP_TSD2/V1SC (SR 1) = 1 (7 x TSD2) V1 short at turn-on (V1 < V1fail for t > tV1short): FORCED_SLEEP_TSD2/V1SC (SR 1) = 1 Table 64. Temporary failures description Failure source Failure condition Diagnosis Exit from Fail-safe mode Microcontroller (oscillator) Watchdog early write failure or expired window FS (Global Status Byte) =1; WDFAIL (SR 1) =1; WDFAIL_CNT_x (SR 1) = n+1 TRIG (CR 1) = 1 during long open window Read&Clear SR1 V1 Short at turn-on FS (Global Status Byte) =1; FORCED_SLEEP_TSD2/V1SC (SR 1) =1 Wake-up; Read&Clear SR1 Undervoltage FS (Global Status Byte) = 1; V1UV (SR 1) = 1; V1fail (SR 2) = 1(1) V1 >VRTrising; Read&Clear SR1 Temperature Tj > TSD2 FS (Global Status Byte) = 1; TW (SR 2) = 1; TSD1 (SR 1) =1; TSD2 (SR 1) =1 Tj < TSD2; Read&Clear SR1 1. If V1 < V1fail (for t > tV1fail). The Fail-safe Bit is located in the Global Status Register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |