Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 30 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 26Page - STMicroelectronics L99DZ100GP Datasheet HTML 27Page - STMicroelectronics L99DZ100GP Datasheet HTML 28Page - STMicroelectronics L99DZ100GP Datasheet HTML 29Page - STMicroelectronics L99DZ100GP Datasheet HTML 30Page - STMicroelectronics L99DZ100GP Datasheet HTML 31Page - STMicroelectronics L99DZ100GP Datasheet HTML 32Page - STMicroelectronics L99DZ100GP Datasheet HTML 33Page - STMicroelectronics L99DZ100GP Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 197 page
background image
Electrical specifications
L99DZ100G, L99DZ100GP
30/197
DS11546 Rev 5
3.4.4
Voltage regulator V1
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 4.5 V ≤ VS ≤ 28 V; 4.5 V ≤ VSREG ≤ 28 V; Tj = -40 °C to 150 °C, unless
otherwise specified.
Table 10. Voltage regulator V1
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
V1
Output voltage
VSREG = 13.5V
5.0
V
VSREG_absmin
VSREG absolute
minimum value for
controlling NRESET
output
VSREG rising/falling
2
V
V1_low_acc
Output voltage
tolerance Low accuracy
mode
ILOAD = 0 mA to ICMP; (Active
mode) or ILOAD = 0 mA to IPEAK
(V1stdby); VSREG = 13.5 V
-3
3
%
V1_hi_acc
Output voltage
tolerance High accuracy
mode
ILOAD = ICMP to 100 mA; (Active
mode) or ILOAD = IPEAK to
100 mA (V1stdby);
VSREG = 13.5 V
-2
2
%
V1_250mA
Output voltage
tolerance (100 to
250mA)
ILOAD = 250 mA;
VSREG = 13.5 V
-3
3
%
VDP1
Drop-out Voltage
ILOAD = 50 mA; VSREG = 5 V
0.2
0.4
V
ILOAD = 100 mA; VSREG = 5 V
0.3
0.5
V
ILOAD = 150 mA; VSREG = 5 V
0.45
0.6
V
ICC1
Output current in Active
mode
Max. continuous load current
250
mA
ICCmax1
Short circuit output
current
Current limitation
340
600
900
mA
Cload1
Load capacitor1
Ceramic (+/- 20%)
0.22(1)
µF
tTSD
V1 deactivation time
after thermal shut-down
1sec
ICMP_ris
Current comp. rising
thresh
Rising current
2
4
6
mA
ICMP_fal
Current comp. falling
threshold
Falling current
1.4
2.8
4.2
mA
ICMP_hys
Current comp.
Hysteresis
1.2
mA
IPeak_ris(2)
Current comp. rising
thresh.
Rising current
6
12
18
mA
IPeak_fal(2)
Current comp. falling
threshold
Falling current
5
10
15
mA
IPeak_hys(2)
Current comp.
Hysteresis
2mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com