| Electronic Components Datasheet Search |
|
L99DZ100GP Datasheet(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ100GP Datasheet(HTML) 74 Page - STMicroelectronics |
|
74 / 197 page ![]() Application information L99DZ100G, L99DZ100GP 74/197 DS11546 Rev 5 4.3.4 V1_standby mode The transition from Active mode to V1_standby mode is controlled by SPI. To supply the micro controller in a low power mode, the V1 voltage regulator remains active. After the V1_standby command (CSN low to high transition), the device enters V1_standby mode immediately and the watchdog starts a Long Open Window (tLW). The watchdog is deactivated as soon as the V1 load current drops below the ICMP threshold (IV1< Icmp_fal). The V1 load current monitoring can be deactivated by setting ICMP = 1. In this configuration the watchdog will be deactivated upon transition into V1_standby mode without monitoring the V1 load current. Writing ICMP (CR 34) = 1 is only possible with the first SPI command after setting ICMP_CONFIG_EN (Config Reg) = 1. The ICMP_CONFIG_EN bit is reset to 0 automatically with the next SPI command. Power outputs (except OUT_HS & OUT15) are switched off in V1_standby mode. OUT_HS & OUT15 remain in the configuration programmed prior to the standby command in order to enable (cyclic) supply of external contacts. The timer signal (Timer1 or Timer2) can be mirrored to the NINT output pin during V1_standby mode. CAN and LIN transmitters (TxDL, TxDC) are off. Wake-up capability by CAN and LIN can be disabled by SPI. The CAN transceiver can be configured in Listen mode (TxDC disabled, RxDC enabled) in order to support pretended networking concepts (for details see Section 4.10.6: Pretended networking) 4.3.5 Interrupt Figure 22. NINT pins RxDL/NINT indicates: a wake-up event from V1_standby mode (except wake-up by CAN) and the programmable timer interrupt RxDL/NINT pin is pulled low for t = tinterrupt. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |