Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 69 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 69 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 65Page - STMicroelectronics L99DZ100GP Datasheet HTML 66Page - STMicroelectronics L99DZ100GP Datasheet HTML 67Page - STMicroelectronics L99DZ100GP Datasheet HTML 68Page - STMicroelectronics L99DZ100GP Datasheet HTML 69Page - STMicroelectronics L99DZ100GP Datasheet HTML 70Page - STMicroelectronics L99DZ100GP Datasheet HTML 71Page - STMicroelectronics L99DZ100GP Datasheet HTML 72Page - STMicroelectronics L99DZ100GP Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 197 page
background image
DS11546 Rev 5
69/197
L99DZ100G, L99DZ100GP
Electrical specifications
196
Figure 18. SPI CSN - output timing
Figure 19. SPI – CSN high to low transition and global status bit access
3.4.33
SGND loss comparator
Tj = -40 °C to 150 °C, unless otherwise specified.
Table 60. SGND loss comparator
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VSGNDloss VSGND loss threshold (VSGND – VPGND )
100
270
500
mV
tSGNDloss VSGND loss filter time
5
7
9
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com