Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 42 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 38Page - STMicroelectronics L99DZ100GP Datasheet HTML 39Page - STMicroelectronics L99DZ100GP Datasheet HTML 40Page - STMicroelectronics L99DZ100GP Datasheet HTML 41Page - STMicroelectronics L99DZ100GP Datasheet HTML 42Page - STMicroelectronics L99DZ100GP Datasheet HTML 43Page - STMicroelectronics L99DZ100GP Datasheet HTML 44Page - STMicroelectronics L99DZ100GP Datasheet HTML 45Page - STMicroelectronics L99DZ100GP Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 197 page
background image
Electrical specifications
L99DZ100G, L99DZ100GP
42/197
DS11546 Rev 5
|IOC7|
Overcurrent threshold HS in low on-
resistance mode
VS/VSREG = 13.5 V;
V1 = 5 V; source
1.5
2.5
A
Overcurrent threshold HS in high
on-resistance mode
0.35
0.65
A
|IOC8|
Overcurrent threshold HS in low on-
resistance mode
0.7
1.3
A
Overcurrent threshold HS in high
on-resistance mode
0.35
0.65
A
|IOC9|,
|IOC13|,
|IOC14|
Overcurrent threshold HS in high
current mode
0.35
0.7
A
Overcurrent threshold to HS in low
current mode
0.15
0.3
A
|IOC10|
Overcurrent threshold HS in high
current mode
0.5
1
A
Overcurrent threshold HS in low
current mode
0.25
0.5
A
|IOC11|,
|IOC12|,
|IOC15|,
|IOC_HS|
Overcurrent threshold HS in high
current mode
0.25
0.5
A
Overcurrent threshold HS in low
current mode
0.15
0.3
A
|IOCECV|
output current threshold LS
VS = 13.5 V; V1= 5 V; sink
0.5
1.0
A
tFOC
Filter time of overcurrent signal
Duration of overcurrent
condition to set the status
bit
10
55
100
µs
frec0
Recovery frequency for OC;
OCR_FREQ (CR 7) = 0
1
4
kHz
frec1
Recovery frequency for OC;
OCR_FREQ (CR 7) = 1
2
6
kHz
tAR
Auto recovery time limit
OUT1 to OUT6
100
ms
OUT7, OUT8, OUT_HS
120
ms
|IOLD1|,
|IOLD6|
Under-current threshold HS & LS
VS = 13.5 V; V1 = 5 V; sink
and source
630
80
mA
|IOLD2|,
|IOLD3|
620
30
mA
|IOLD4|,
|IOLD5|
40
150
300
mA
Table 18. Current monitoring (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com