Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 57 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 53Page - STMicroelectronics L99DZ100GP Datasheet HTML 54Page - STMicroelectronics L99DZ100GP Datasheet HTML 55Page - STMicroelectronics L99DZ100GP Datasheet HTML 56Page - STMicroelectronics L99DZ100GP Datasheet HTML 57Page - STMicroelectronics L99DZ100GP Datasheet HTML 58Page - STMicroelectronics L99DZ100GP Datasheet HTML 59Page - STMicroelectronics L99DZ100GP Datasheet HTML 60Page - STMicroelectronics L99DZ100GP Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 197 page
background image
DS11546 Rev 5
57/197
L99DZ100G, L99DZ100GP
Electrical specifications
196
TBitrec
Recessive Bit
symmetry
RL = 60 Ω; CL = 100 pF; 
70% VTXDC (rising) - 30% VRXDC
(falling); CRXD = 15 pF; 10 ns (10% -
90%, 90% - 10%); Rectangular pulse
signal TTXDC = 6000 ns, high pulse
1000 ns, low pulse 5000 ns
765
1000
1255
ns
tCAN
CAN permanent
dominant time-out
500
700
1000
μs
tWUP-V1(1)
Time between WUP(2)
on the CAN bus until
V1 goes active
Wake-Up according to ISO11898-
5:2007 (Bit SWEN = 0);
70% VDIFF – 90% V1(min)
0
200
µs
tWUF-V1(1)
Time between WUF(3)
on the CAN bus until
V1 goes active
Wake-Up according to ISO11898-
6:2013 (Bit SWEN = 1);
30% VDIFF – 90% V1(min)
0
200
µs
1. Guaranteed by characterization.
2. Time starts with the end of last dominant phase of the WUP.
3. Time starts with the end of CRC delimiter of the WUF.
Table 40. CAN transceiver delay (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 41. Maximum leakage currents on CAN_H and CAN_L, unpowered
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ILeakage, CANH
Input leakage current
CANH
Unpowered device; VCANH = 5 V;
VCANL = 5 V; VSREG, VCANSUP connected
via 0 Ω to GND; VSREG, VCANSUP
connected via 47 kΩ to GND(1)
Tj = -40 °C to 105 °C(2)
Tj = 130 °C(3)
-10
-12
10
12
μA
ILeakage, CANL
Input leakage current
CANL
Unpowered device; VCANH = 5 V;
VCANL = 5 V; VSREG, VCANSUP connected
via 0 Ω to GND; VSREG, VCANSUP connected
via 47 kΩ to GND(1)
Tj = -40 °C to 105 °C(2)
Tj = 130 °C(3)
-10
-12
10
12
μA
1. Guaranteed by design.
2. 105°C is the maximum junction temperature of an unpowered device according to this test condition within the specified
ambient temperature range
3. Used for device test only.
Table 42. Biasing control timings
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tfilter
CAN activity filter time
0.5
5
μs
twake
Wake-up time out
0.5
1
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com