| Electronic Components Datasheet Search |
|
L99DZ100GP Datasheet(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ100GP Datasheet(HTML) 84 Page - STMicroelectronics |
|
84 / 197 page ![]() Application information L99DZ100G, L99DZ100GP 84/197 DS11546 Rev 5 4.8 Reset output (NReset) Figure 27. NReset pin If V1 is turned on and the voltage exceeds the V1 reset threshold, the reset output NReset is pulled up to V1 by an internal pull-up resistor after a reset delay time (tV1R). This is necessary for a defined start of the micro controller when the application is switched on. Since the NReset output is realized as an open drain output it is also possible to connect an external NReset open drain NReset source to the output. As soon as the NReset is released by the devices the watchdog starts with a long open window. A reset pulse is generated in case of: V1 drops below VRTxfalling (configurable by SPI) for t > tUV1 Watchdog failure Turn-on of the V1 regulator (VSREG Power-on or wake-up from Vbat_standby mode) Table 65. Non-recoverable failure Failure source Failure condition Diagnosis Exit from Fail-safe mode Microcontroller (Oscillator) 15 consecutive Watchdog Failures FS (Global Status Byte) = 1; WDFAIL (SR 1) = 1; FORCED_SLEEP_WD (SR 1) = 1 Wake-up; TRIG (CR 1) = 1 during long open window; Read&Clear SR1 V1 Short at turn-on FS (Global Status Byte) = 1; FORCED_SLEEP_TSD2/V1SC (SR 1) = 1 Wake-up; Read&Clear SR1 Temperature 7 times TSD2 FS (Global Status Byte) =1; TW (SR 2) = 1; TSD1 (SR 1) = 1; TSD2 (SR 1) = 1; FORCED_SLEEP_TSD2/V1SC (SR 1) = 1 Wake-up; Read&Clear SR1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |