Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 86 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 86 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 82Page - STMicroelectronics L99DZ100GP Datasheet HTML 83Page - STMicroelectronics L99DZ100GP Datasheet HTML 84Page - STMicroelectronics L99DZ100GP Datasheet HTML 85Page - STMicroelectronics L99DZ100GP Datasheet HTML 86Page - STMicroelectronics L99DZ100GP Datasheet HTML 87Page - STMicroelectronics L99DZ100GP Datasheet HTML 88Page - STMicroelectronics L99DZ100GP Datasheet HTML 89Page - STMicroelectronics L99DZ100GP Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 197 page
background image
Application information
L99DZ100G, L99DZ100GP
86/197
DS11546 Rev 5
4.9.2
Error handling
The devices LIN transceiver provides the following 3 error handling features.
Dominant TxDL time out
If TXD_L is in dominant state (low) for t > tdom(TXDL) the transmitter will be disabled, the
status bit LIN_TXD_DOM (SR 2) will be set.
The transmitter remains disabled until the status bit is cleared.
The TxD dominant timeout detection can be disabled via SPI (LIN_TXD_TOUT_EN = 0).
Permanent recessive
If TXD_L changes to dominant (low) state but RXD_L signal does not follow within t < tLIN
the transmitter will be disabled, the status bit LIN_PERM_REC (SR 2) will be set.
The transmitter remains disabled until the status bit is cleared.
Permanent dominant
If the bus state is dominant (low) for t > tdom(bus) a bus permanent dominant failure will be
detected. The status bit LIN_PERM_DOM (SR 2) will be set.
The transmitter will not be disabled.
4.9.3
Wake up from Standby modes
In low power modes (V1_standby mode and Vbat_standby mode) the devices can receive
two types of wake up signals from the LIN bus (configurable by SPI bit LIN_WU_CONFIG
(Config Reg)):
Recessive-Dominant-recessive pattern with t > tdom_LIN (default, according LIN 2.2a)
State Change recessive-to-dominant or dominant-to-recessive (according LIN 2.1)
Pattern Wake-up (default)
Figure 29. Wake-up behavior according to LIN 2.2a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com