Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 88 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 88 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 84Page - STMicroelectronics L99DZ100GP Datasheet HTML 85Page - STMicroelectronics L99DZ100GP Datasheet HTML 86Page - STMicroelectronics L99DZ100GP Datasheet HTML 87Page - STMicroelectronics L99DZ100GP Datasheet HTML 88Page - STMicroelectronics L99DZ100GP Datasheet HTML 89Page - STMicroelectronics L99DZ100GP Datasheet HTML 90Page - STMicroelectronics L99DZ100GP Datasheet HTML 91Page - STMicroelectronics L99DZ100GP Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 197 page
background image
Application information
L99DZ100G, L99DZ100GP
88/197
DS11546 Rev 5
4.10.1
Features:
ISO 11898-2:2003 and ISO 11898-5:2007 compliant
ISO 11898-6: 2013 compliant (Selective wake-up functionality up to 500kbps); only
L99DZ100GP
HS-CAN cell has been designed according to “Requirements for partial networking
(version 2.2)” and “Hardware requirements for transceivers (version 1.3)”
Supports pretended networking
Listen mode (transmitter disabled)
Enhanced Voltage Biasing according to ISO 11898-6:2013
SAE J2284 compliant
Bitrate up to 1Mbit/s.
Function range from -27V to +40V DC at CAN pins.
GND disconnection fail safe at module level.
GND shift operation at system level.
Micro controller Interface with CMOS compatible I/O pins.
ESD and transient immunity according to ISO7637 and EN / IEC61000-4-2
Matched output slopes and propagation delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com