Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 70 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 70 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 66Page - STMicroelectronics L99DZ100GP Datasheet HTML 67Page - STMicroelectronics L99DZ100GP Datasheet HTML 68Page - STMicroelectronics L99DZ100GP Datasheet HTML 69Page - STMicroelectronics L99DZ100GP Datasheet HTML 70Page - STMicroelectronics L99DZ100GP Datasheet HTML 71Page - STMicroelectronics L99DZ100GP Datasheet HTML 72Page - STMicroelectronics L99DZ100GP Datasheet HTML 73Page - STMicroelectronics L99DZ100GP Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 197 page
background image
Application information
L99DZ100G, L99DZ100GP
70/197
DS11546 Rev 5
4
Application information
4.1
Supply VS, VSREG
VSREG supplies voltage regulators V1 and V2, all internal regulated voltages for analog and
digital functionality, LIN, CAN, the EC control block and both P-channel high-side switches
OUT15 and OUT_HS.
All other high-sides, Fail Safe block and the charge pump are supplied by VS.
In case the VSREG pin is disconnected, all power outputs connected to VS are automatically
switched off.
4.2
Voltage regulators
The device contains two independent and fully protected low drop voltage regulators
designed for very fast transient response and do not require electrolytic output capacitors
for stability.
The output voltage is stable with ceramic load capacitors >220 nF.
4.2.1
Voltage regulator: V1
The V1 voltage regulator provides 5 V supply voltage and up to 250 mA continuous load
current to supply the system microcontroller and the integrated CAN transceiver. The V1
regulator is embedded in the power management and fail-safe functionality of the device
and operates according to the selected operating mode. The V1 voltage regulator is
supplied by pin VSREG.
In addition, the V1 regulator supplies the devices internal loads. The voltage regulator is
protected against overload and overtemperature. An external reverse current protection has
to be provided by the application circuitry to prevent the input capacitor from being
discharged by negative transients or low input voltage. Current limitation of the regulator
ensures fast charge of external bypass capacitors. The output voltage is stable for ceramic
load capacitors >220 nF.
In case the device temperature exceeds the TSD1 threshold (either cluster or grouped
mode) the V1 regulator remains on. The micro controller has the possibility for interaction or
error logging. If the chip temperature exceeds the TSD2 threshold (TSD2 > TSD1), V1 will
be deactivated and all wakeup sources (CAN, LIN, WU and Timer) are disabled. After tTSD,
the voltage regulator will restart automatically. If the restart fails 7 times within one minute
the devices enter the Forced Vbat_standby mode. The status bit
FORCED_SLEEP_TSD2/V1SC (SR1) is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com