Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 37 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 33Page - STMicroelectronics L99DZ100GP Datasheet HTML 34Page - STMicroelectronics L99DZ100GP Datasheet HTML 35Page - STMicroelectronics L99DZ100GP Datasheet HTML 36Page - STMicroelectronics L99DZ100GP Datasheet HTML 37Page - STMicroelectronics L99DZ100GP Datasheet HTML 38Page - STMicroelectronics L99DZ100GP Datasheet HTML 39Page - STMicroelectronics L99DZ100GP Datasheet HTML 40Page - STMicroelectronics L99DZ100GP Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 197 page
background image
DS11546 Rev 5
37/197
L99DZ100G, L99DZ100GP
Electrical specifications
196
3.4.9
Charge pump
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V ≤ VS ≤ 28V; Tj = -40 °C to 150 °C, unless otherwise specified.
ICM acc
Current monitor accuracy
accICMOUT1,4,5,6 and 7(low on-
resistance)
0 V ≤ VCM ≤ (V1 - 1 V);
IOUTmin = 500 mA;
IOUT4,5max=7.4 A;
IOUT1,6max = 2.9 A;
IOUT7max = 1.4 A
4% + 1%
FS(1)
8% + 2%
FS(1)
Current monitor accuracy
accICMOUT 8 (low on-resistance)
0 V ≤ VCM ≤ (V1 - 1 V);
IOUTmin = 100 mA;
IOUT8max=0.9 A
Current monitor accuracy
accICMOUT2,3, 9,10,11,12,13,14,15
,HS and OUT7,8 (high on-
resistance)
0 V ≤ VCM ≤ (V1 - 1 V);
IOUT.min = 100 mA; IOUT11,12,
15 HS = 0.2 A; IOUT7,8
max = 0.3 A
ICM acc_2ol
Current monitor accuracy
accICMOUT1,4,5,6 and 7 (low on-
resistance)
0 V ≤ VCM ≤ (V1 - 1 V);
IOUTmin = 2 * IOLD;
IOUT4,5max = 7.4 A;
IOUT1,6max = 2.9 A;
IOUT7max = 1.4 A
4% + 1%
FS(1)
8% + 2%
FS(1)
Current monitor accuracy
accICMOUT 8(low on-resistance)
0 V ≤ VCM ≤ (V1 - 1 V);
IOUTmin = 2 * IOLD;
IOUT8max = 0.9 A
Current monitor accuracy
accICMOUT2, 3, 9,11,12,13,14,15, HS
and OUT7,8 (high on-resistance)
0 V ≤ VCM ≤ (V1 - 1 V);
IOUT.min = 2 * IOLD;
IOUT2,3max = 0.4 A;
IOUT9,13,14max = 0.3 A;
IOUT11,12,15 HS = 0.2 A;
IOUT7,8 max = 0.3 A
Current monitor accuracy
accICMOUT10
0 V ≤ VCM ≤ (V1 - 1 V);
IOUT.min = 2 * IOLD;
IOUT10max = 0.4 A
4% + 1%
FS(1)
8% + 4%
FS(1)
tcmb
Current monitor blanking time
32
µs
1. FS (full scale) = IOUTmax * ICMr
Table 14. Current monitor output (CM) (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 15. Charge pump electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCP
Charge pump output voltage
VS = 6 V, ICP = -15 mA
VS+6
VS+7
V
VS ≥ 10 V, ICP = -15 mA
VS+11
VS+12
VS+13.5
V
ICP
Charge pump output current(1)
VCP = VS + 10 V;
VS = 13.5 V;
C1 = C2 = CCP = 100 nF
22.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com