Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 95 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 95 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 91Page - STMicroelectronics L99DZ100GP Datasheet HTML 92Page - STMicroelectronics L99DZ100GP Datasheet HTML 93Page - STMicroelectronics L99DZ100GP Datasheet HTML 94Page - STMicroelectronics L99DZ100GP Datasheet HTML 95Page - STMicroelectronics L99DZ100GP Datasheet HTML 96Page - STMicroelectronics L99DZ100GP Datasheet HTML 97Page - STMicroelectronics L99DZ100GP Datasheet HTML 98Page - STMicroelectronics L99DZ100GP Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 197 page
background image
DS11546 Rev 5
95/197
L99DZ100G, L99DZ100GP
Application information
196
VS undervoltage
If the supply voltage VS drops below the under voltage threshold voltage (VSUV):
LIN remains enabled
CAN remains enabled
OUT1 to OUT14 are turned off (default).
The shutdown of outputs may be disabled by SPI (VS_UV_SD_EN (CR 3) = 0)
Heater MOSFET gate driver switched into sink condition
ECV is switched in high impedance state and ECDR is discharged by RECDRDIS (to
ensure the gate of the external MOSFET is discharged => EC mode considered as off)
Recovery of outputs after undervoltage condition is configurable by SPI:
–
VS_LOCK_EN (CR 3) = 1: outputs are off until Read&Clear VS_UV (SR 2).
–
VS_LOCK_EN (CR 3) = 0: outputs turned on automatically after VS undervoltage
condition has recovered.
The undervoltage bit VS_UV (SR 2) is set and can be cleared with a ‘Read&Clear’
command. The undervoltage bit is removed automatically if VS_LOCK_EN (CR 3) = 0
and the undervoltage condition has recovered.
4.12.2
VSREG supply failure
VSREG overvoltage
If the supply voltages VSREG reaches the overvoltage threshold VSREG_OV:
LIN is switched to high impedance
CAN remains enabled
OUT15 and OUT_HS are turned off (default).
The shutdown of outputs may be disabled by SPI (VSREG_OV_SD_EN (CR 3) = 0)
Recovery of outputs after overvoltage condition is configurable by SPI:
–
VSREG_LOCK_EN (CR 3) = 1: outputs are off until Read&Clear VSREG_OV
(SR 2).
–
VSREG_LOCK_EN (CR 3) = 0: outputs turned on automatically after VSREG
overvoltage condition has recovered.
The overvoltage bit VSREG_OV (SR 2) is set and can be cleared with a ‘Read&Clear’
command. The overvoltage bit is reset automatically if VSREG_LOCK_EN (CR 3) = 0
and the overvoltage condition has recovered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com