Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 59 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 55Page - STMicroelectronics L99DZ100GP Datasheet HTML 56Page - STMicroelectronics L99DZ100GP Datasheet HTML 57Page - STMicroelectronics L99DZ100GP Datasheet HTML 58Page - STMicroelectronics L99DZ100GP Datasheet HTML 59Page - STMicroelectronics L99DZ100GP Datasheet HTML 60Page - STMicroelectronics L99DZ100GP Datasheet HTML 61Page - STMicroelectronics L99DZ100GP Datasheet HTML 62Page - STMicroelectronics L99DZ100GP Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 197 page
background image
DS11546 Rev 5
59/197
L99DZ100G, L99DZ100GP
Electrical specifications
196
VTHhys
Receiver threshold
hysteresis: VTHrec -VTHdom
0.07
VSREG
0.1
VSREG
0.175
VSREG
V
VTHcnt
Receiver tolerance center
value: (VTHrec +VTHdom)/2
0.475
VSREG
0.5
VSREG
0.525
VSREG
V
VTHwkup
Activation threshold for
wake-up comparator
1.0
1.5
2
V
VTHwkdwn
Activation threshold for
wake-up comparator
VSREG -
3.5
VSREG -
2.5
VSREG-
1.5
V
tLINBUS
LIN Bus Wake-up Dominant
Filter time
Sleep mode; edge: rec-dom
64
μs
tdom_LIN
LIN Bus Wake-up Dominant
Filter time
Sleep mode; edge: rec-dom-
rec
28
μs
ILINDomSC
Transmitter input current
limit in dominant state
VTXD = VTXDLOW;
VLIN = VBATMAX = 18 V
40
100
180
mA
Ibus_PAS_dom
Input leakage current at the
receiver incl. pull-up resistor
VTXD = VTXDHIGH; VLIN = 0 V;
VBAT = 12 V; Slave mode
-1
mA
Ibus_PAS_rec
Transmitter input current in
recessive state
In standby modes;
VTXD = VTXDHIGH; VLIN > 8 V;
VBAT < 18 V; VLIN ≥ VBAT
20
μA
Ibus_NO_GND
Input current if loss of GND
at device
GND = VSREG;
0 V < VLIN < 18 V;
VBAT = 12 V
-1
1
mA
Ibus
Input current if loss of VBAT
at device
GND = VS; 0 V < VLIN < 18 V
Tj=-40 °C ....105 °C(1)
30
μA
GND = VS; 0 V < VLIN < 18 V
Tj = 130°C(2)
35
μA
VLINdom
LIN voltage level in
dominant state
Active mode;
VTXD = VTXDLOW
RBus=500 Ohm
1.2
V
VLINrec
LIN voltage level in
recessive state
Active mode;
VTXD = VTXDHIGH;
ILIN = 10 µA
0.8*VS
V
RLINup
LIN output pull up resistor
VLIN = 0 V
20
40
60
kΩ
CLIN
LIN input capacitance
30
pF
1. 105°C is the maximum junction temperature of an unpowered device according to this test condition within the specified
ambient temperature range.
2. Used for device test only.
Table 45. LIN transmitter and receiver: pin LIN (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com