Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 81 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 81 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 77Page - STMicroelectronics L99DZ100GP Datasheet HTML 78Page - STMicroelectronics L99DZ100GP Datasheet HTML 79Page - STMicroelectronics L99DZ100GP Datasheet HTML 80Page - STMicroelectronics L99DZ100GP Datasheet HTML 81Page - STMicroelectronics L99DZ100GP Datasheet HTML 82Page - STMicroelectronics L99DZ100GP Datasheet HTML 83Page - STMicroelectronics L99DZ100GP Datasheet HTML 84Page - STMicroelectronics L99DZ100GP Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 197 page
background image
DS11546 Rev 5
81/197
L99DZ100G, L99DZ100GP
Application information
196
Figure 25. Watchdog with error conditions
Figure 26. Watchdog in Flash mode
Note:
Whenever the device is operated without servicing the mandatory watchdog trigger events,
a sequence of 15 consecutive reset events is performed and the device enters the
Forced_Vbat_Stby mode with bit FORCED_SLEEP_WD in SR1 set.
If the device is woken up after such a forced VBAT_Standby condition and the watchdog is
still not serviced, the device, after one long open watchdog window will re-enter the same
Forced_Vbat_Stby mode until the next wake up event. In this case, an additional watchdog
failure is generated, but the fail counter is not cleared, keeping the maximum number of 15
failures. This sequence is repeated until a valid watchdog trigger event is performed by
writing TRIG = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com