Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 75 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 75 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 71Page - STMicroelectronics L99DZ100GP Datasheet HTML 72Page - STMicroelectronics L99DZ100GP Datasheet HTML 73Page - STMicroelectronics L99DZ100GP Datasheet HTML 74Page - STMicroelectronics L99DZ100GP Datasheet HTML 75Page - STMicroelectronics L99DZ100GP Datasheet HTML 76Page - STMicroelectronics L99DZ100GP Datasheet HTML 77Page - STMicroelectronics L99DZ100GP Datasheet HTML 78Page - STMicroelectronics L99DZ100GP Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 197 page
background image
DS11546 Rev 5
75/197
L99DZ100G, L99DZ100GP
Application information
196
RxDC/NINT indicates:
Mode transitions of the CAN transceiver according to Figure 31: CAN transceiver state
diagram
CAN communication timeout (no CAN communication for t > tSilence). The CANTO flag
is set. This interrupt can be masked by SPI (CR2: CANTO_IRQ_EN).
RxDC/NINT pin is pulled low for t = tinterrupt.
See also Section 4.3.6: CAN wake-up signalization
NINT indicates:
In Active mode:
VSREG dropped below the programmed early warning threshold in Control Register 3
(VSREG < VSREG_EW_TH); feature is deactivated if VSREG_EW_TH is set to 0 V.
In V1_standby mode
–
Programmable timer interrupt; An NINT pulse is generated at the beginning of the
timer on-time (Timer 1 or Timer2)
–
CAN communication timeout (no CAN communication for t > tSilence). The CANTO
flag is set. This interrupt can be masked by SPI (CR2: CANTO_IRQ_EN).
–
Wake-up from V1_standby mode by any wake-up source
NINT is pulled low for t = tinterrupt
In case of increasing V1 load current during V1_standby mode (IV1 > Icmp_ris), the device
remains in standby mode and the watchdog starts with a Long Open Window. No Interrupt
signal is generated.
4.3.6
CAN wake-up signalization
Table 61. CAN wake-up signalization
Operating
mode
Event
Mode transition
Status flag
Interrupt pin
Active
WUP or
WUP/WUF(1)
Transition to TRX_Ready
WAKE_CAN
WUP/WUF(1)
RxDC
CAN Timeout
Transition to TRX_Sleep
CANTO
RxDC (2)
WUP(3)
Transition into TRX_Bias
WUP
RxDC and NINT
V1_standby
WUP or
WUP/WUF(1)
Transition into Active
mode; TRX_Ready
WAKE_CAN
WUP/WUF(1)
RxDC and NINT
CAN Timeout
Transition to TRX_Sleep
CANTO
RxDC and NINT (2)
WUP(3)
Transition into TRX_Bias
WUP
RXDC and NINT
Vbat_standby
WUP or
WUP/WUF(1)
Transition into Active
mode; TRX_Ready
WAKE_CAN
WUP/WUF(1)
none
CAN Timeout
Transition to TRX_Sleep
CANTO
1. SW_EN = 0, PNW_EN = 0:
— wake-up according ISO 11898-5:2007 (on WUP)
— Flags: Wake_CAN, WUP
SW_EN = 1:
— wake-up according ISO 11898-6:2013 (on WUP/WUF combination)
— After the reception of a wake-up pattern (WUP) the CAN Enhanced Voltage Biasing is turned on until a CAN timeout is
detected
— Flags: Wake_CAN, WUP, WUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com