Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 90 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 90 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 86Page - STMicroelectronics L99DZ100GP Datasheet HTML 87Page - STMicroelectronics L99DZ100GP Datasheet HTML 88Page - STMicroelectronics L99DZ100GP Datasheet HTML 89Page - STMicroelectronics L99DZ100GP Datasheet HTML 90Page - STMicroelectronics L99DZ100GP Datasheet HTML 91Page - STMicroelectronics L99DZ100GP Datasheet HTML 92Page - STMicroelectronics L99DZ100GP Datasheet HTML 93Page - STMicroelectronics L99DZ100GP Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 197 page
background image
Application information
L99DZ100G, L99DZ100GP
90/197
DS11546 Rev 5
TRX BIAS State
In this transceiver state the bus biasing is on and the Automatic Voltage Biasing is active
(i.e. transceiver enters TRX_Sleep at t > tSilence and turns off the biasing). The Frame
Decoder is enabled if selective wake-up is configured (SWEN = 1).
The CAN transmitter is disabled. The receiver can be configured by SPI (RXEN) as follows:
TRX Standby(default): receiver disabled
TRX Listen: receiver enabled
The CAN receiver is capable to detect a wake-up pattern (WUP) or a wake-up frame (WUF;
if selective wake-up is enabled by SWEN = 1). In V1_standby mode and Active mode, a
wake-up is indicated to the micro-controller by an interrupt signal and the transceiver enters
TRX_Ready State (receiver and transmitter according to setting of TXEN and RXEN). After
serving the interrupt, the micro controller can enable the receiver and transmitter by setting
TXEN = 1 and RXEN = 1.
In case of a Frame-Detect-Error (FDERR = 1), an automatic wake up is performed and the
selective wakeup feature is disabled (SWEN = 0).
TRX SLEEP State
After Power-on the CAN transceiver enters TRX_Sleep state. In this state, the CAN
transceiver is disabled and the biasing is turned off. Transmitter and receiver are disabled
(TRX_Standby state). The CAN selective wakeup reference oscillator and the Frame
Decoder are off. After the detection of CAN communication (WUP), an interrupt signal is
generated and the transceiver enters TRX_Ready state (if SWEN = 0) or TRX_BIAS state (if
SWEN = 1). Receiver and transmitter are configured according to setting of TXEN and
RXEN.
TRX_Sleep state is entered automatically after a CAN communication timeout (see
Section 4.10.3: Automatic voltage biasing)
4.10.3
Automatic voltage biasing
The Automatic Voltage Biasing is described in ISO 11898-6:2013. This feature is active in all
transceiver low-power modes independent of the SBC operating modes and independent if
selective wake-up is enabled or not (SWEN (CR 1) = 0 or SWEN = 1).
If there has been no activity on the bus for longer than tSilence, the bus lines are biased
towards 0V via the receiver input resistors Rin. If wake-up activity on the bus lines is
detected (Wake-up pattern, WUP), the bus lines are biased to VCANHrec respectively
VCANLrec via the internal receiver input resistors Rin. The biasing is activated not later than
tBias.
4.10.4
Wake-up by CAN
The devices support 2 wake-up modes. The selective wake-up according to ISO 11898-
6:2013 or the wake-up by any bus activity according to ISO 11898-2:2003/-5:2007 (default
configuration). The wake-up behavior can be configured by SPI.
Wake-up by CAN pattern (WUP)
The default setting for the wake up behavior after Power-on reset is the wake-up by regular
communication on the CAN bus according to ISO 11898-5:2007 (SWEN=0). When the CAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com