Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 71 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 71 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 67Page - STMicroelectronics L99DZ100GP Datasheet HTML 68Page - STMicroelectronics L99DZ100GP Datasheet HTML 69Page - STMicroelectronics L99DZ100GP Datasheet HTML 70Page - STMicroelectronics L99DZ100GP Datasheet HTML 71Page - STMicroelectronics L99DZ100GP Datasheet HTML 72Page - STMicroelectronics L99DZ100GP Datasheet HTML 73Page - STMicroelectronics L99DZ100GP Datasheet HTML 74Page - STMicroelectronics L99DZ100GP Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 197 page
background image
DS11546 Rev 5
71/197
L99DZ100G, L99DZ100GP
Application information
196
4.2.2
Voltage regulator: V2
The voltage regulator V2 is supplied by pin VSREG and can supply additional 5 V loads such
as sensors or potentiometers. The maximum continuous load current is 50 mA. The
regulator is protected against:
Overload
Overtemperature
Short-circuit (short to ground and battery supply voltage)
Reverse biasing
4.2.3
Voltage regulator failure
The V1, and V2 regulator output voltages are monitored.
In case of a drop below the failure thresholds (V1 < V1fail for t > tV1fail, V2 < V2fail for
t > tV2fail), the failure bits V1FAIL, V2FAIL (SR 2) are latched.
4.2.4
Short to ground detection
At turn-on of the V1 and V2 regulators, a short-to-GND condition is detected by monitoring
the regulator output voltage.
If V1 or V2 is below the V1fail (or V2fail) threshold for t > tV1short (t > tV2short) after turn-on, the
devices will identify a short circuit condition at the related regulator will be switched off.
In case of V1 short-to-GND the device enters Forced Vbat_standby mode automatically. Bits
FORCED_SLEEP_TSD2/V1SC and (SR 1) V1FAIL (SR 2) are set.
In case of a V2 short-to-GND failure the V2SC (SR 2) and V2FAIL (SR 2) bits are set.
Once the output voltage of the corresponding regulator exceeded the V1fail (V2fail) threshold
the short-to-ground detection is disabled. In case of a short-to-ground condition, the
regulator is switched off due to thermal shutdown. V1 is switched off at TSD2, V2 is
switched off at TSD1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com