Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 38 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 34Page - STMicroelectronics L99DZ100GP Datasheet HTML 35Page - STMicroelectronics L99DZ100GP Datasheet HTML 36Page - STMicroelectronics L99DZ100GP Datasheet HTML 37Page - STMicroelectronics L99DZ100GP Datasheet HTML 38Page - STMicroelectronics L99DZ100GP Datasheet HTML 39Page - STMicroelectronics L99DZ100GP Datasheet HTML 40Page - STMicroelectronics L99DZ100GP Datasheet HTML 41Page - STMicroelectronics L99DZ100GP Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 197 page
background image
Electrical specifications
L99DZ100G, L99DZ100GP
38/197
DS11546 Rev 5
3.4.10
Outputs OUT1 - OUT15, OUT_HS, ECV, ECDR
The voltages are referred to power ground and currents are assumed positive, when the
current flows into the pin. 6 V ≤ VS ≤ 28 V; 6 V ≤ VSREG ≤ 28 V, all outputs open; 
Tj = -40 °C to 150 °C, unless otherwise specified.
ICPlim
Charge pump output current
limitation(2)
VCP = VS;
VS = 13.5 V;
C1 = C2 = CCP = 100 nF
70
mA
VCP_low
Charge pump low threshold
voltage
VS+4.5
VS+5
VS+5.5
V
TCP
Charge pump low filter time
64
µs
fCP
Charge Pump frequency
400
kHz
1. ICP is the minimum current the device can provide to an external circuit without VCP going below VS + 10 V.
2. ICPlim is the maximum current, which flows out of the device in case of a short to VS.
Table 15. Charge pump electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 16. Outputs OUT1 - OUT15, OUT_HS, ECV, ECDR
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
rON OUT1,6
On-resistance to supply or
GND
VS = 13.5 V; Tj = 25 °C;
IOUT1,6 = ±1.5A
300
mΩ
VS = 13.5V; Tj = 130°C
IOUT1,6 = ±1.5 A
600
mΩ
rON OUT2,3
On-resistance to supply or
GND
VS = 13.5 V; Tj = 25 °C;
IOUT2,3 = ±0.25 A
2000
mΩ
VS = 13.5 V; Tj = 130 °C;
IOUT2,3 = ±0.25 A
4000
mΩ
rON OUT4
On-resistance to supply or
GND
VS = 13.5V; Tj = 25 °C;
IOUT4 = ±3 A
150
mΩ
VS = 13.5 V; Tj = 130 °C;
IOUT4 = ±3 A
300
mΩ
rON OUT5
On-resistance to supply or
GND
VS = 13.5 V; Tj = 25°C;
IOUT5 = ±3 A
100
mΩ
VS = 13.5 V; Tj = 130 °C;
IOUT5 = 3 A
200
mΩ
rON OUT7
On-resistance to supply in
low resistance mode
VS = 13.5 V; Tj = 25 °C; 
IOUT7 = -0.8 A
500
mΩ
VS = 13.5 V; Tj = 130 °C; 
IOUT7 = -0.8 A
1000
mΩ
On-resistance to supply in
high resistance mode
VS = 13.5 V; Tj = 25°C; 
IOUT7 = -0.2 A
1600
mΩ
VS = 13.5 V; Tj = 130 °C; 
IOUT7 = -0.2 A
3200
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com