Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 102 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 102 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 98Page - STMicroelectronics L99DZ100GP Datasheet HTML 99Page - STMicroelectronics L99DZ100GP Datasheet HTML 100Page - STMicroelectronics L99DZ100GP Datasheet HTML 101Page - STMicroelectronics L99DZ100GP Datasheet HTML 102Page - STMicroelectronics L99DZ100GP Datasheet HTML 103Page - STMicroelectronics L99DZ100GP Datasheet HTML 104Page - STMicroelectronics L99DZ100GP Datasheet HTML 105Page - STMicroelectronics L99DZ100GP Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 197 page
background image
Application information
L99DZ100G, L99DZ100GP
102/197
DS11546 Rev 5
4.17
Inductive loads
Each of the half bridges is built by internally connected high-side and low-side power DMOS
transistors. Due to the built-in reverse diodes of the output transistors, inductive loads can
be driven at the outputs OUT1 to OUT6 without external freewheeling diodes. The high-side
drivers OUT7 to OUT15 and OUT_HS are intended to drive resistive loads only. Therefore
only a limited energy (E < 1 mJ) can be dissipated by the internal ESD-diodes in
freewheeling condition. For inductive loads (L > 100 μH) an external freewheeling diode
connected between GND and the corresponding output is required. The low-side driver at
ECV does not have a freewheel diode built into the device.
4.18
Open-load detection
The open-load detection monitors the load current in each activated output stage. If the load
current is below the open-load detection threshold for t > tOL_OUT the corresponding open-
load bit OUTx_OL (SR 5) is set in the status register.
4.19
Overcurrent detection
An overcurrent condition is detected after a filter time of tFOC and is indicated by the status
bit OUTx_OC (SR 3). In case of overcurrent, the corresponding driver switches off to reduce
the power dissipation and to protect the integrated circuit. If the outputs are not configured in
recovery mode, the microcontroller has to clear the according status bits to reactivate the
corresponding drivers.
4.20
Current monitor
The current monitor sources a current image of the power stage output current at the
current monitor pin CM, which has a fixed ratio (ICMr) of the instantaneous current of the
selected high-side driver. The signal at output CM is blanked for tcmb after switching on the
driver until correct settlement of the circuitry. The bits CM_SELx (CR 7) define which of the
outputs is multiplexed to the current monitor output CM. The current monitor output allows a
more precise analysis of the actual state of the load rather than the detection of an open-
load or overload condition. For example, it can be used to detect the motor state (starting,
free running, stalled). The current monitor output is enabled after the current-monitor
blanking time, when the selected output is switched on. If this output is off, the current
monitor output is in high impedance mode. The current monitor can be deactivated by
CM_EN (CR 7).
4.21
PWM mode of the power outputs
Description see Section 7.3: Status register overview.
4.22
Cross-current protection
The six half-brides of the device are cross-current protected by an internal delay time. If one
driver (LS or HS) is turned off, the activation of the other driver of the same half bridge will
be automatically delayed by the crosscurrent protection time. After the crosscurrent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com