Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 105 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 105 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 101Page - STMicroelectronics L99DZ100GP Datasheet HTML 102Page - STMicroelectronics L99DZ100GP Datasheet HTML 103Page - STMicroelectronics L99DZ100GP Datasheet HTML 104Page - STMicroelectronics L99DZ100GP Datasheet HTML 105Page - STMicroelectronics L99DZ100GP Datasheet HTML 106Page - STMicroelectronics L99DZ100GP Datasheet HTML 107Page - STMicroelectronics L99DZ100GP Datasheet HTML 108Page - STMicroelectronics L99DZ100GP Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 197 page
background image
DS11546 Rev 5
105/197
L99DZ100G, L99DZ100GP
Application information
196
Figure 38. Overcurrent recovery mode
4.24
H-bridge control
The PWMH and DIRH inputs control the drivers of the external H-bridge transistors. In
single Motor mode the motor direction can be chosen with the direction input (DIRH), the
duty cycle and frequency with the PWMH input (single mode). With the SPI bits SD (CR 10)
and SDS (CR 10) four different slow-decay modes (via drivers and via diode) can be
selected using the high-side or the low-side transistors. Unconnected inputs are defined by
internal pull-down current.
Alternatively, the bridge can be driven in half bridge mode (dual mode). By setting the dual
mode bit DM (Config Reg) = 1, both half-bridges can be controlled independently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com