Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 103 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 103 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 99Page - STMicroelectronics L99DZ100GP Datasheet HTML 100Page - STMicroelectronics L99DZ100GP Datasheet HTML 101Page - STMicroelectronics L99DZ100GP Datasheet HTML 102Page - STMicroelectronics L99DZ100GP Datasheet HTML 103Page - STMicroelectronics L99DZ100GP Datasheet HTML 104Page - STMicroelectronics L99DZ100GP Datasheet HTML 105Page - STMicroelectronics L99DZ100GP Datasheet HTML 106Page - STMicroelectronics L99DZ100GP Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 197 page
background image
DS11546 Rev 5
103/197
L99DZ100G, L99DZ100GP
Application information
196
protection time is expired the slew-rate limited switch-off phase of the driver is changed to a
fast turn-off phase and the opposite driver is turned-on with slew-rate limitation. Due to this
behavior, it is always guaranteed that the previously activated driver is completely turned off
before the opposite driver starts to conduct.
4.23
Programmable soft-start function to drive loads with higher
inrush current
Loads with start-up currents higher than the overcurrent limits (e.g. inrush current of lamps,
start current of motors) can be driven by using the programmable soft-start function (i.e.
overcurrent recovery mode). Each driver has a corresponding overcurrent recovery bit
OUTx_OCR (CR 7). If this bit is set, the device automatically switches the outputs on again
after a programmable recovery time. The PWM modulated current will provide sufficient
average current to power up the load (e.g. heat up the bulb) until the load reaches operating
condition. The PWM frequency is defined by CR7<8:12> setting.
The device itself cannot distinguish between a real overload (e.g. short-circuit condition) and
a load characterized by operation currents exceeding the short-circuit threshold.
Examples are non-linear loads like a light bulb used on the HS outputs or a motor used on
the half bridge output with inrush and stall currents that shall be limited by the auto recovery
feature.
For the bulb, a real overload condition can only be qualified by time. For overload detection
the microcontroller can switch on the light bulbs by setting the overcurrent recovery bit for
the first e.g. 50 ms. After clearing the recovery bit, the output will be switched off
automatically if the overload condition remains.
For the half bridges the high current can be present during all motor activation and another
SW strategy must be applied to identify a SC to GND or Supply. Before running the motor
e.g. with a first SPI command all bridge LS are switched on (without auto recovery
functionality / cleared overcurrent recovery bit), all HS are switched off and a SC to Battery
can be diagnosed. With a next SPI command, all HS are switched on (without auto recovery
functionality/ cleared overcurrent recovery bit) and all LS are switched off. In this sequence,
a short to GND can be diagnosed. If in both sequences no overload condition is identified,
the motor can be run by switching on the according HS and LS each configured in auto
recovery mode (see Figure 37: Software strategy for half bridges before applying auto-
recovery mode). Such sequence can be applied before any motor activation to identify SC
just before operating the motor (in case the delay due to the 2 additional SPI commands is
not limiting the application) or in case of power up of the system resp. applied on a certain
time base.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com