Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 101 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 101 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 97Page - STMicroelectronics L99DZ100GP Datasheet HTML 98Page - STMicroelectronics L99DZ100GP Datasheet HTML 99Page - STMicroelectronics L99DZ100GP Datasheet HTML 100Page - STMicroelectronics L99DZ100GP Datasheet HTML 101Page - STMicroelectronics L99DZ100GP Datasheet HTML 102Page - STMicroelectronics L99DZ100GP Datasheet HTML 103Page - STMicroelectronics L99DZ100GP Datasheet HTML 104Page - STMicroelectronics L99DZ100GP Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 197 page
background image
DS11546 Rev 5
101/197
L99DZ100G, L99DZ100GP
Application information
196
Figure 35. Block diagram of physical realization of AR alert and thermal expiration
4.16
Charge pump
The charge pump uses two external capacitors, which are switched with fCP. The output of
the charge pump has a current limitation. In standby mode and after a thermal shutdown
has been triggered the charge pump is disabled. If the charge pump output voltage remains
too low for longer than TCP, the power-MOS outputs and the EC-control are switched off.
The H-bridge MOSFET gate drivers and the Heater MOSFET gate driver are switched to
resistive low and CP_LOW (SR 2) is set. This bit has to be cleared to reactivate the drivers.
If the bit CP_LOW_CONFIG (Configuration Register 0x3F) is set to ‘1’, CP_LOW (SR2)
behaves as a ‘live’ bit and the outputs are re-activated automatically upon recovery of the
charge pump output voltage.
In case of reaching the overvoltage shutdown threshold VSOV the charge pump is disabled
and automatically restarted after VS recovered to normal operating voltage.
Figure 36. Charge pump low filtering and start up implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com