Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1941T-1E/4MX. Datasheet(PDF) 31 Page - Microchip Technology

Part # PAC1941T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1941T-1E/4MX. Datasheet(HTML) 31 Page - Microchip Technology

Back Button PAC1941T-1E/4MX. Datasheet HTML 27Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 28Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 29Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 30Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 31Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 32Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 33Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 34Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 31
PAC194X
5.15.4
SINGLE-SHOT MODE
The Control register also allows the device to operate
in Single-Shot mode. In this mode, all active channels
will sample and convert, followed by results being cal-
culated. The accumulator and accumulator count
operate the same as for Continuous Conversion
mode, accumulating each single-shot power calcula-
tion and incrementing the accumulator count. The con-
version cycle will start when the REFRESH command
(or REFRESH_V/REFRESH_G) is sent.
After the single-shot measurements and calculations
are complete, the device goes into Sleep mode. A
REFRESH, REFRESH_G or REFRESH_V command
may be sent to read the data. The user needs to wait
about 2 ms after the REFRESH command before com-
manding another single-shot conversion, by means of
sending one of the REFRESH commands. This is
because a 1 ms delay is required between REFRESH
commands and coming out of Sleep requires 1 ms
(band gap start-up delay). In general, single-shot com-
mands are not this close together in time; instead, one
of the lower sampling rates is used.
There is an option to use a single REFRESH
command to collect eight samples and average them
in Single-Shot 8X mode. This reduces noise and offset
in the result (see Register 7-2). In this mode, all eight
samples are added to the accumulator and the accu-
mulator count is incremented by eight each time a
REFRESH is sent to trigger an additional Single-Shot
8X acquisition and conversion.
In Single-Shot 8X mode, the 8X averaged result is
read from the 8X averaged registers (Register 7-7 and
Register 7-8) and the unaveraged result registers
(Register 7-5 and Register 7-6) hold the last of the 8
samples.
5.16
ALERT Functionality
The ALERT functionality has multiple purposes: to
notify the system that a conversion cycle for all active
channels is complete, to notify the system that the
accumulator or accumulator count has overflowed or
that an electrical parameter is outside the programmed
limit.
Alerts will cause the ALERT pin to be asserted low and
latched low. The only exception to this is for the
ALERT after COMPLETE CONVERSION, this will
cause a 5 µs pulse of the ALERT pin. Alerts are set at
the end of the round robin cycle.
5.16.1
ALERT AFTER COMPLETE
CONVERSION
Register 7-21
and
Register 7-22
have
bits
ALERT_CC1 and ALERT_CC2 that can be used to
enable the ALERT_CC function. If this bit is set, the
assigned ALERT pin goes low for 5 µs after each
round robin conversion cycle is complete. This
function may be used when you want to read data
continuously as soon as each round robin conversion
cycle is complete.
This Conversion Complete ALERT does not set a bit in
Register 7-20.
5.16.2
ALERT PIN ASSIGNMENTS
The ALERT function may be assigned to either the
SLOW/ALERT1 pin or the GPIO/ALERT2 pin. Use
Register 7-21 and/or Register 7-22 to assign any of
the ALERT functions to these pins.
To configure the SLOW/ALERT pin to function as
ALERT, use Register 7-2. Note that the SLOW func-
tion of this pin cannot be used once the ALERT
function is programmed for this pin.
There is a general ALERT signal on bit 5 of the SMBus
Settings (1Ch). This register bit can be monitored over
the I2C/SMBus or monitored on the ALERT/SLOW, as
mentioned above. This register does not require a
Refresh signal to update the values, so it is easy to
poll if the user desires.
5.16.3
USING THE ALERT PINS AS I/O
PINS
The ALERT pins may also be used as I/O pins. This
functionality is enabled in Register 7-2. When used as
an I/O pin, there are bits for holding input and output
data (read or to be written) in Register 7-10. This
register does not need a Refresh to update it, so the
input data may be read or the output data changed
without affecting anything else.
Note:
When using the device in single-channel
Burst mode, the Conversion Complete
ALERT will not assert.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com