Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1941T-1E/4MX. Datasheet(PDF) 79 Page - Microchip Technology

Part # PAC1941T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1941T-1E/4MX. Datasheet(HTML) 79 Page - Microchip Technology

Back Button PAC1941T-1E/4MX. Datasheet HTML 75Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 76Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 77Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 78Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 79Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 80Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 81Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 82Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 79
PAC194X
REGISTER 7-35:
ACCUM CONFIG ACT (4AH) REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ACC1_CONFIG[1:0]
ACC2_CONFIG[1:0]
ACC3_CONFIG[1:0]
ACC4_CONFIG[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
This register contains an image of Register 7-19 and reflects the current active values of these settings, whereas the
values in register 25h may be programmed but not activated by one of the REFRESH commands. This register
allows software to determine the actual active settings.
bit 7-6
ACC1_CONFIG[1:0]: Configure the accumulator for Channel 1 to accumulate VPOWER (default),
VSENSE or VBUS.
00 = Channel 1 Accumulator accumulates VPOWER
01 = Channel 1 Accumulator accumulates VSENSE
10 = Channel 1 Accumulator accumulates VBUS
11 = Reserved, read as ‘0’.
bit 5-4
ACC2_CONFIG[1:0]: Configure the accumulator for Channel 2 to accumulate VPOWER (default),
VSENSE or VBUS.
00 = Channel 2 Accumulator accumulates VPOWER
01 = Channel 2 Accumulator accumulates VSENSE
10 = Channel 2 Accumulator accumulates VBUS
11 = Reserved, read as ‘0’.
bit 3-2
ACC3_CONFIG[1:0]: Configure the accumulator for Channel 3 to accumulate VPOWER (default),
VSENSE or VBUS.
00 = Channel 3 Accumulator accumulates VPOWER
01 = Channel 3 Accumulator accumulates VSENSE
10 = Channel 3 Accumulator accumulates VBUS
11 = Reserved, read as ‘0’.
bit 1-0
ACC4_CONFIG[1:0]: Configure the accumulator for Channel 4 to accumulate VPOWER (default),
VSENSE or VBUS.
00 = Channel 4 Accumulator accumulates VPOWER
01 = Channel 4 Accumulator accumulates VSENSE
10 = Channel 4 Accumulator accumulates VBUS
11 = Reserved, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com