Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1941T-1E/4MX. Datasheet(PDF) 55 Page - Microchip Technology

Part # PAC1941T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1941T-1E/4MX. Datasheet(HTML) 55 Page - Microchip Technology

Back Button PAC1941T-1E/4MX. Datasheet HTML 51Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 52Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 53Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 54Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 55Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 56Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 57Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 58Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 55
PAC194X
REGISTER 7-15:
CTRL_ACT (21H) REGISTER
R-0
R-0
R-0
R-0
R-0
R-1
R-1
R-1
SAMPLE_MODE[3:0]
GPIO_ALERT2[1:0]
SLOW_ALERT1[1:0]
bit 15
bit 8
R-0
R-0
R-0
R-0
U-0
U-0
U-0
U-0
CHANNEL_N_OFF[3:0]
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
This register contains an image of Register 7-2 and reflects the current active value of these settings, whereas the
values in register 01h may be programmed but not activated by one of the REFRESH commands. This register
allows software to determine the actual active settings. This register is valid when the results registers are valid, 1 ms
after a REFRESH/_V/_G command, in most cases. However, if you program a conversion rate change followed by
REFRESH, the new conversion rate will not become effective until the current conversion cycle is complete. This can
cause a delay in some cases before the conversion cycle (and the CTRL_ACT register) is updated. This delay can be
variable, depending on where you are in the conversion cycle when the REFRESH command is sent.
bit 15-12
SAMPLE_MODE[3:0]: These bits select one of the sampling modes listed below. These modes are
exclusive – that is, only one mode can be set at any given time. One of the sampling modes is Sleep,
when no sampling occurs.
0b0000 = 1024 SPS adaptive accumulation (default), see Section 5.13.1, "Adaptive Accumulator"
0b0001 = 256 SPS adaptive accumulation
0b0010 = 64 SPS adaptive accumulation
0b0011 = 8 SPS adaptive accumulation
0b0100 = 1024 SPS, see Section 5.15, "Conversion Cycle Controls"
0b0101 = 256 SPS
0b0110 = 64 SPS
0b0111 = 8 SPS
0b1000 = Single-Shot mode, see Section 5.15.4, "Single-Shot Mode"
0b1001 = Single-Shot 8X
0b1010 = Fast mode, see Section 5.15.3, "Fast Mode"
0b1011 = Burst mode, see Section 5.15.2, "Burst Mode"
0b1100 = Reserved
0b1101 = Reserved
0b1110 = Reserved
0b1111 = Sleep, see Section 5.5, "Sleep State"
bit 11-10
GPIO_ALERT2[1:0]: Select the signals for the GPIO/ALERT2 pin. If the pin is configured as a GPIO
pin, the R/W data for the pin are stored in Register 7-10.
00 = ALERT functions as an ALERT pin
01 = GPIO digital input. Read the digital value input to this pin from Register 7-10. Default for this pin.
10 = GPIO digital output. Write the digital value to be output from this pin to Register 7-10.
11 = The pin functions as the SLOW pin, taking the pin high overrides the programmed sample rate
and yields a sampling rate of 8 SPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com