Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1941T-1E/4MX. Datasheet(PDF) 37 Page - Microchip Technology

Part # PAC1941T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1941T-1E/4MX. Datasheet(HTML) 37 Page - Microchip Technology

Back Button PAC1941T-1E/4MX. Datasheet HTML 33Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 34Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 35Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 36Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 37Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 38Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 39Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 40Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 37
PAC194X
Figure 6-2 shows how the auto-incrementing read loop
works with the SKIP option on and off. It also shows
how the write loop works with the REFRESH,
REFRESH_V and REFRESH_G commands.
6.6
I2C/SMBus Commands
6.6.1
REFRESH AND REFRESH_V
REFRESH and REFRESH_V commands are sent
using the Send Byte command, the client address and
the desired command (00h for REFRESH or 1Fh for
REFRESH_V). See Table 6-3.
6.6.2
GENERAL CALL ADDRESS
RESPONSE
When the host sends the General Call address, the
PAC194X is able to execute the REFRESH command
by means of a second version of the REFRESH
command called REFRESH_G (see Register 7-12).
Just as the REFRESH command is sent using a Send
Byte command with the client address and the
REFRESH command (00h), the REFRESH_G com-
mand is sent using Send Byte with the General Call
address (0000 000) and the REFRESH_G command
(1Eh).
Table 6-4 shows the response to the General Call
command for REFRESH_G.
6.6.3
WRITE BYTE
The Write Byte is used to write one byte of data to the
registers, as shown in Table 6-5.
6.6.4
READ BYTE
The Read Byte protocol is used to read one byte of
data from the registers, as shown in Table 6-6.
If an invalid register address is specified, the client will
ACK its address but NACK the register address.
The host will NACK (not acknowledge) the data
received from the client by holding the SMBus data
line high after the eighth data bit is sent.
TABLE 6-3:
REFRESH AND REFRESH_V COMMANDS
START
Client Address
WR
ACK
REFRESH or
REFRESH_V
Command
ACK
STOP
1 → 0
YYYY_YYY
0
0
00h or 1Fh
0
0 → 1
TABLE 6-4:
GENERAL CALL RESPONSE
START
General Call
Address
WR
ACK
REFRESH_G
Command
ACK
STOP
1 → 0
0000_000
0
0
1Eh
0
0 → 1
TABLE 6-5:
WRITE BYTE PROTOCOL
START
Client
Address
WR
ACK
Register
Address
ACK
Register Data
ACK
STOP
1 → 0
YYYY_YYY
0
0
XXh
0
XXh
0
0 → 1
TABLE 6-6:
READ BYTE PROTOCOL
START
Client
Address
WR ACK
Register
Address
ACK START
Client
Address
RD ACK
Register
Data
NACK STOP
1 → 0 YYYY_YYY
0
0
XXh
0
1 → 0
YYYY_YYY
1
0
XXh
1
0 → 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com