Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1941T-1E/4MX. Datasheet(PDF) 62 Page - Microchip Technology

Part # PAC1941T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1941T-1E/4MX. Datasheet(HTML) 62 Page - Microchip Technology

Back Button PAC1941T-1E/4MX. Datasheet HTML 58Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 59Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 60Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 61Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 62Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 63Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 64Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 65Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 96 page
background image
PAC194X
DS20006543A-page 62
 2021 Microchip Technology Inc.
REGISTER 7-20:
ALERT STATUS (26H) REGISTER
RC-0
RC-0
RC-0
RC-0
RC-0
RC-0
RC-0
RC-0
CH1OC
CH2OC
CH3OC
CH4OC
CH1UC
CH2UC
CH3UC
CH4UC
bit 23
bit 16
RC-0
RC-0
RC-0
RC-0
RC-0
RC-0
RC-0
RC-0
CH1OV
CH2OV
CH3OV
CH4OV
CH1UV
CH2UV
CH3UV
CH4UV
bit 15
bit 8
RC-0
RC-0
RC-0
RC-0
RC-0
RC-0
U-0
U-0
CH1OP
CH2OP
CH3OP
CH4OP
ACC_OVF
ACC_COUNT
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Read this register to determine the cause of ALERT being tripped. See Section 5.16.4, "ALERT Functionality –
Voltage, Current and Power". This register is cleared when read and another conversion cycle completes. If the
condition that set the ALERT is still present when the conversion cycle completes, the bit remains set. The register
does not require a REFRESH to update the readable register value. The OC, UC, OP, OV and UV ALERTs are
disabled by default. To enable the ones you want, set the appropriate bits in Register 7-34.
bit 23
CH1OC:
0 = ALERT for overcurrent on Channel 1 is not tripped
1 = ALERT for overcurrent on Channel 1 is tripped
bit 22
CH2OC:
0 = ALERT for overcurrent on Channel 2 is not tripped
1 = ALERT for overcurrent on Channel 2 is tripped
bit 21
CH3OC:
0 = ALERT for overcurrent on Channel 3 is not tripped
1 = ALERT for overcurrent on Channel 3 is tripped
bit 20
CH4OC:
0 = ALERT for overcurrent on Channel 4 is not tripped
1 = ALERT for overcurrent on Channel 4 is tripped
bit 19
CH1UC:
0 = ALERT for undercurrent on Channel 1 is not tripped
1 = ALERT for undercurrent on Channel 1 is tripped
bit 18
CH2UC:
0 = ALERT for undercurrent on Channel 2 is not tripped
1 = ALERT for undercurrent on Channel 2 is tripped
bit 17
CH3UC:
0 = ALERT for undercurrent on Channel 3 is not tripped
1 = ALERT for undercurrent on Channel 3 is tripped
bit 16
CH4UC:
0 = ALERT for undercurrent on Channel 4 is not tripped
1 = ALERT for undercurrent on Channel 4 is tripped
bit 15
CH1OV:
0 = ALERT for overvoltage on Channel 1 is not tripped
1 = ALERT for overvoltage on Channel 1 is tripped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com