Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1941T-1E/4MX. Datasheet(PDF) 53 Page - Microchip Technology

Part # PAC1941T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1941T-1E/4MX. Datasheet(HTML) 53 Page - Microchip Technology

Back Button PAC1941T-1E/4MX. Datasheet HTML 49Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 50Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 51Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 52Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 53Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 54Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 55Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 56Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 53
PAC194X
REGISTER 7-12:
REFRESH_G (1EH) REGISTER
SEND
No Data in this command, Send Byte only
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
This command is a Send Byte, it does not contain any data. It is exactly like the REFRESH command,
but it is intended for use with the General Call command. When it is sent to the device, the
REFRESH_G command is executed and the readable accumulator data, readable accumulator count,
VBUS and VSENSE measurements are all refreshed and the internal accumulator values or accumulator
count are reset, exactly like the REFRESH command. The host can read the updated data 1 ms after
the REFRESH_G command is sent and anytime after, up until the next REFRESH, REFRESH_G or
REFRESH_V command is sent.
REGISTER 7-13:
REFRESH_V (1FH) REGISTER
SEND
No Data in this command, Send Byte only
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
This command is a Send Byte, it does not contain any data. When it is sent to the device, the
REFRESH_V command is executed. It is similar to the REFRESH command except the accumulators
and accumulator count are not reset. The readable accumulator data, readable accumulator count,
VBUS and VSENSE measurements are all refreshed without affecting the internal accumulators values
or accumulator count. The host can read the updated data 1 ms after the REFRESH_V command is
sent and anytime after, up until the next REFRESH, REFRESH_G or REFRESH_V command is sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com