Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1941T-1E/4MX. Datasheet(PDF) 78 Page - Microchip Technology

Part # PAC1941T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1941T-1E/4MX. Datasheet(HTML) 78 Page - Microchip Technology

Back Button PAC1941T-1E/4MX. Datasheet HTML 74Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 75Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 76Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 77Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 78Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 79Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 80Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 81Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 96 page
background image
PAC194X
DS20006543A-page 78
 2021 Microchip Technology Inc.
bit 15
CH1OV:
0 = ALERT for overvoltage on Channel 1 is disabled
1 = ALERT for overvoltage on Channel 1 is enabled
bit 14
CH2OV:
0 = ALERT for overvoltage on Channel 2 is disabled
1 = ALERT for overvoltage on Channel 2 is enabled
bit 13
CH3OV:
0 = ALERT for overvoltage on Channel 3 is disabled
1 = ALERT for overvoltage on Channel 3 is enabled
bit 12
CH4OV:
0 = ALERT for overvoltage on Channel 4 is disabled
1 = ALERT for overvoltage on Channel 4 is enabled
bit 11
CH1UV:
0 = ALERT for undervoltage on Channel 1 is disabled
1 = ALERT for undervoltage on Channel 1 is enabled
bit 10
CH2UV:
0 = ALERT for undervoltage on Channel 2 is disabled
1 = ALERT for undervoltage on Channel 2 is enabled
bit 9
CH3UV:
0 = ALERT for undervoltage on Channel 3 is disabled
1 = ALERT for undervoltage on Channel 3 is enabled
bit 8
CH4UV:
0 = ALERT for undervoltage on Channel 4 is disabled
1 = ALERT for undervoltage on Channel 4 is enabled
bit 7
CH1OP:
0 = ALERT for overpower on Channel 1 is disabled
1 = ALERT for overpower on Channel 1 is enabled
bit 6
CH2OP:
0 = ALERT for overpower on Channel 2 is disabled
1 = ALERT for overpower on Channel 2 is enabled
bit 5
CH3OP:
0 = ALERT for overpower on Channel 3 is disabled
1 = ALERT for overpower on Channel 3 is enabled
bit 4
CH4OP:
0 = ALERT for overpower on Channel 4 is disabled
1 = ALERT for overpower on Channel 4 is enabled
bit 3
ACC_OVF:
0 = ALERT for Accumulator fullness limit exceeded is disabled
1 = ALERT for Accumulator fullness limit exceeded for one or more channels is enabled
bit 2
ACC_COUNT:
0 = ALERT for Accumulator Count fullness is disabled
1 = ALERT for Accumulator Count fullness limit exceeded is enabled
bit 1
ALERT_CC:
0 = ALERT for Conversion Cycle Complete is disabled
1 = ALERT for Conversion Cycle Complete is enabled
bit 0
Unimplemented, read as ‘0’.
REGISTER 7-34:
ALERT ENABLE (49H) REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com