Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1941T-1E/4MX. Datasheet(PDF) 6 Page - Microchip Technology

Part # PAC1941T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1941T-1E/4MX. Datasheet(HTML) 6 Page - Microchip Technology

Back Button PAC1941T-1E/4MX. Datasheet HTML 2Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 3Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 4Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 5Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 6Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 7Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 8Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 9Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
PAC194X
DS20006543A-page 6
 2021 Microchip Technology Inc.
DC ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Unless otherwise specified, TA = -40°C to +125°C,
VDD = 2.7V to 5.5V, VBUS = 0V to 9V; VSENSE = (SENSE+ – SENSE-) = 0V;
Typical values are at TA = +25°C, VDD = 3.3V
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Power Supply
VDD Range
VDD
2.7
—
5.5
V
VDD Active Current
IDD
—
395
495
µA
1024 SPS, 4 channels enabled
—
395
440
1024 SPS, 4 channels enabled
TA = 0°C to +85°C
—
12
25
8 SPS, 4 channels enabled
TA = 0°C to +85°C
VDD Sleep Current
IDD_SLEEP
—5
—
µA
VDD Power-Down
Current
IDD_PWRDN
0—
8
µA
Minimum VDD Rise
Rate
VDD_RISE_MIN
—
0.05
—
V/ms 0V to 5V in 100 ms
Maximum VDD Rise
Rate
VDD_RISE_MAX
—
1000
—
V/ms 0V to 5V in 5 µs
POR Level
VPOR
—1.35
—
V
Analog Input Characteristics
Bus Voltage Range
VBUS
-0.2V
—
9
V
Common-mode voltage on
SENSE pins, referenced to
ground
VSENSE Differential
Input Voltage Range
VSENSE_DIF
-100
—
100
mV
SENSE+, SENSE- Pin
Input Current
ISENSE+, ISENSE-
-6
0.6
6
µA
VSENSE+ = VSENSE- = Full scale
All states include leakage current
and average value of the capaci-
tively coupled switching current.
-1
0.4
1
VSENSE+ = 6V, VSENSE- = 5.9V
All states include leakage current
and average value of the capaci-
tively coupled switching current.
VBUS, VSENSE Input
Trace Resistance
(allowable trace
resistance without
measurement error)
RTRACE
—1
—
k
Measurement Accuracy
VSENSE ADC Data
Resolution
VSENSE_RES
——
16
Bits
VSENSE LSB Step
Size
VSENSE_LSB
—1.50
—
µV
FSR = 100 mV
—
3.05
—
FSR = ±100 mV
VBUS LSB Step Size
VBUS_LSB
—
137
—
µV
FSR = 9V, 16-bit resolution
—
274
—
FSR = ±9V, 16-bit resolution
VBUS ADC Data
Resolution
VBUS_RES
—
—
16
Bits
14 bits are used for power
calculations, 16 bits are reported
when the VBUS measurement
result is read
VSENSE Gain
Accuracy
VSENSE_ GAIN_ERR
—±0.1
±0.3
±0.5
%
At +25°C
typical, -40°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com