Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1941T-1E/4MX. Datasheet(PDF) 58 Page - Microchip Technology

Part # PAC1941T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1941T-1E/4MX. Datasheet(HTML) 58 Page - Microchip Technology

Back Button PAC1941T-1E/4MX. Datasheet HTML 54Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 55Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 56Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 57Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 58Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 59Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 60Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 61Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 96 page
background image
PAC194X
DS20006543A-page 58
 2021 Microchip Technology Inc.
REGISTER 7-17:
CTRL_LAT (23H) REGISTER
R-0
R-0
R-0
R-0
R-0
R-1
R-1
R-1
SAMPLE_MODE[3:0]
GPIO_ALERT2[1:0]
SLOW_ALERT1[1:0]
bit 15
bit 8
R-0
R-0
R-0
R-0
U-0
U-0
U-0
U-0
CHANNEL_N_OFF[3:0]
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
This register contains an image of Register 7-2. The bits in this register reflect the value of these settings, that was
active before the most recent REFRESH command (including REFRESH_V and/or REFRESH_G). The values in
register 01h may be programmed but not activated by one of the REFRESH commands and the values in 21h are
currently active. This register allows software to determine the actual active setting that was active prior to the most
recent REFRESH command and therefore corresponds to the dataset that is held in the readable registers. This reg-
ister is valid when the results registers are valid, 1 ms after a REFRESH/_V/_G command. The CTRL_LAT register is
not valid until the first REFRESH is sent after a POR event.
bit 15-12
SAMPLE_MODE[3:0]: These bits select one of the sampling modes listed below. These modes are
exclusive – that is, only one mode can be set at any given time. One of the sampling modes is Sleep,
when no sampling occurs.
0b0000 = 1024 SPS adaptive accumulation (default), see Section 5.13.1, "Adaptive Accumulator"
0b0001 = 256 SPS adaptive accumulation
0b0010 = 64 SPS adaptive accumulation
0b0011 = 8 SPS adaptive accumulation
0b0100 = 1024 SPS, see Section 5.15, "Conversion Cycle Controls"
0b0101 = 256 SPS
0b0110 = 64 SPS
0b0111 = 8 SPS
0b1000 = Single-Shot mode, see Section 5.15.4, "Single-Shot Mode"
0b1001 = Single-Shot 8X
0b1010 = Fast mode, see Section 5.15.3, "Fast Mode"
0b1011 = Burst mode, see Section 5.15.2, "Burst Mode"
0b1100 = Reserved
0b1101 = Reserved
0b1110 = Reserved
0b1111 = Sleep, see Section 5.5, "Sleep State"
bit 11-10
GPIO_ALERT2[1:0]: Select the signals for the GPIO/ALERT2 pin. If the pin is configured as a GPIO
pin, the R/W data for the pin are stored in Register 7-10.
00 = ALERT functions as an ALERT pin
01 = GPIO digital input. Read the digital value input to this pin from Register 7-10. Default for this pin.
10 = GPIO digital output. Write the digital value to be output from this pin to Register 7-10.
11 = The pin functions as the SLOW pin, taking the pin high overrides the programmed sample rate
and yields a sampling rate of 8 SPS.
bit 9-8
SLOW_ALERT1[1:0]: Select the signals for SLOW/ALERT1 pin. If the pin is configured as a GPIO
pin, the R/W data for the pin are stored in Register 7-10.
00 = ALERT functions as an ALERT1 pin
01 = GPIO digital input. Read the digital value input to this pin from Register 7-10.
10 = GPIO digital output. Write the digital value to be output from this pin to Register 7-10.
11 = SLOW functions as the SLOW pin, taking the pin high overrides the programmed sample rate
and yields a sampling rate of 8 SPS (default for this pin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com