Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1941T-1E/4MX. Datasheet(PDF) 68 Page - Microchip Technology

Part # PAC1941T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1941T-1E/4MX. Datasheet(HTML) 68 Page - Microchip Technology

Back Button PAC1941T-1E/4MX. Datasheet HTML 64Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 65Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 66Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 67Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 68Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 69Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 70Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 71Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 96 page
background image
PAC194X
DS20006543A-page 68
 2021 Microchip Technology Inc.
REGISTER 7-23:
ACC FULLNESS LIMITS (29H) REGISTER
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
R/W-1
CH1 ACC FULL[1:0]
CH2 ACC FULL[1:0]
CH3 ACC FULL[1:0]
CH4 ACC FULL[1:0]
bit 15
bit 8
R/W-0
R/W-1
U-0
U-0
U-0
U-0
U-0
U-0
ACC COUNT FULL[1:0]
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
These limits are used to set a limit for how full the Accumulators and Accumulator Count registers can be before the
Accumulator Full and Accumulator Count full limits are tripped. This allows an ALERT to be registered when the
Accumulator and Accumulator Count are approaching 100% full. Disable ALERTs in Register 7-34 before changing
the value to avoid false triggers.
bit 15-14
CH1 ACC FULL[1:0]: Fullness limit for the Channel 1 Accumulator:
00 = Full
01 = 15/16 full (default)
10 = 7/8 full
11 = 3/4 full
bit 13-12
CH2 ACC FULL[1:0]: Fullness limit for the Channel 2 Accumulator:
00 = Full
01 = 15/16 full (default)
10 = 7/8 full
11 = 3/4 full
bit 11-10
CH3 ACC FULL[1:0]: Fullness limit for the Channel 3 Accumulator:
00 = Full
01 = 15/16 full (default)
10 = 7/8 full
11 = 3/4 full
bit 9-8
CH4 ACC FULL[1:0]: Fullness limit for the Channel 4 Accumulator:
00 = Full
01 = 15/16 full (default)
10 = 7/8 full
11 = 3/4 full
bit 7-6
ACC COUNT FULL[1:0]: Fullness limit for the Accumulator Count register:
00 = Full
01 = 15/16 full (default)
10 = 7/8 full
11 = 3/4 full
bit 5-0
Unimplemented, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com