Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1941T-1E/4MX. Datasheet(PDF) 45 Page - Microchip Technology

Part # PAC1941T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1941T-1E/4MX. Datasheet(HTML) 45 Page - Microchip Technology

Back Button PAC1941T-1E/4MX. Datasheet HTML 41Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 42Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 43Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 44Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 45Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 46Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 47Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 48Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 45
PAC194X
REGISTER 7-2:
CTRL (ADDRESS 01H) REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
SAMPLE_MODE[3:0]
GPIO_ALERT2[1:0]
SLOW_ALERT1[1:0]
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
U-0
CHANNEL_N_OFF[3:0]
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-12
SAMPLE_MODE[3:0]: These bits select one of the sampling modes listed below. These modes are
exclusive – that is, only one mode can be set at any given time. One of the sampling modes is Sleep,
when no sampling occurs.
0b0000 = 1024 SPS adaptive accumulation (default), see Section 5.13.1, "Adaptive Accumulator"
0b0001 = 256 SPS adaptive accumulation
0b0010 = 64 SPS adaptive accumulation
0b0011 = 8 SPS adaptive accumulation
0b0100 = 1024 SPS, see Section 5.15, "Conversion Cycle Controls"
0b0101 = 256 SPS
0b0110 = 64 SPS
0b0111 = 8 SPS
0b1000 = Single-Shot mode, see Section 5.15.4, "Single-Shot Mode"
0b1001 = Single-Shot 8X
0b1010 = Fast mode, see Section 5.15.3, "Fast Mode"
0b1011 = Burst mode, see Section 5.15.2, "Burst Mode"
0b1100 = Reserved
0b1101 = Reserved
0b1110 = Reserved
0b1111 = Sleep, see Section 5.5, "Sleep State"
bit 11-10
GPIO_ALERT2[1:0]: Select the signals for the GPIO/ALERT2 pin. If the pin is configured as a GPIO
pin, the R/W data for the pin are stored in Register 7-10.
00 = ALERT functions as an ALERT pin
01 = GPIO digital input. Read the digital value input to this pin from Register 7-10. Default for this pin.
10 = GPIO digital output. Write the digital value to be output from this pin to Register 7-10.
11 = The pin functions as the SLOW pin, taking the pin high overrides the programmed sample rate
and yields a sampling rate of 8 SPS. Only one pin can be selected to set the SLOW functionality.
If both GPIO/ALERT2 and SLOW/ALERT1 pins are set to SLOW, the SLOW/ALERT1 pin will
control the SLOW functionality.
bit 9-8
SLOW_ALERT1[1:0]: Select the signals for SLOW/ALERT1 pin. If the pin is configured as a GPIO
pin, the R/W data for the pin are stored in Register 7-10.
00 = ALERT functions as an ALERT1 pin
01 = GPIO digital input. Read the digital value input to this pin from Register 7-10.
10 = GPIO digital output. Write the digital value to be output from this pin to Register 7-10.
11 = SLOW functions as the SLOW pin, taking the pin high overrides the programmed sample rate
and yields a sampling rate of 8 SPS (default for this pin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com