Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1941T-1E/4MX. Datasheet(PDF) 59 Page - Microchip Technology

Part # PAC1941T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1941T-1E/4MX. Datasheet(HTML) 59 Page - Microchip Technology

Back Button PAC1941T-1E/4MX. Datasheet HTML 55Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 56Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 57Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 58Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 59Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 60Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 61Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 62Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 59
PAC194X
bit 7-4
CHANNEL_N_OFF[3:0]:
Allow one or more channels to be inactive during the conversion cycle. These settings apply for normal
continuous round robin conversion cycles or Single-Shot mode, if Single-Shot mode is selected. If a
channel is set to inactive, the auto-incrementing address pointer will skip addresses associated with
that channel unless the pointer skipping bit 1 in this register is set.
In PAC194X devices, deactivating channels allows faster sampling. Burst or Fast modes are selected
using bits [15:12] in this register.
PAC1944-1 default = 0b0000 (register default 0700h) (shown above)
PAC1943-1 default = 0b0001 (register value 0710h)
PAC1942-1 default = 0b0011 (register value 0730h)
PAC1942-2 default = 0b0011 (register value 0730h)
PAC1941-1 default = 0b0111 (register value 0770h)
PAC1941-2 default = 0b0111 (register value 0770h)
bit 3-0
Unimplemented, read as ‘0’.
REGISTER 7-18:
NEG_PWR_FSR _LAT (24H) REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CFG_VS1[1:0]
CFG_VS2[1:0]
CFG_VS3[1:0]
CFG_VS4[1:0]
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CFG_VB1[1:0]
CFG_VB2[1:0]
CFG_VB3[1:0]
CFG_VB4[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
This register holds an image of Register 7-11. The bits in this register reflect the settings that were active before the
most recent REFRESH command (including REFRESH_V and/or REFRESH_G). The values in register 1Dh may be
programmed but not activated by one of the REFRESH commands. This register shows the settings that were active
prior to the most recent REFRESH command and therefore correspond to the dataset that is held in the readable reg-
isters. This register is valid when the results registers are valid, 1 ms after a REFRESH/_V/_G command.
bit 15-14
CFG_VS1[1:0]: Configure Channel 1 FSR for VSENSE measurements
00 = Channel 1 VSENSE has unipolar +100 mV to 0V FSR (default)
01 = Channel 1 VSENSE has bipolar +100 mV to -100 mV FSR
10 = Channel 1 VSENSE has bipolar +50 mV to -50 mV FSR
11 = Reserved
bit 13-12
CFG_VS2[1:0]: Configure Channel 2 FSR for VSENSE measurements
00 = Channel 2 VSENSE has unipolar +100 mV to 0V FSR (default)
01 = Channel 2 VSENSE has bipolar +100 mV to -100 mV FSR
10 = Channel 2 VSENSE has bipolar +50 mV to -50 mV FSR
11 = Reserved
bit 11-10
CFG_VS3[1:0]: Configure Channel 3 FSR for VSENSE measurements
00 = Channel 3 VSENSE has unipolar +100 mV to 0V FSR (default)
01 = Channel 3 VSENSE has bipolar +100 mV to -100 mV FSR
10 = Channel 3 VSENSE has bipolar +50 mV to -50 mV FSR
11 = Reserved
REGISTER 7-17:
CTRL_LAT (23H) REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com