Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1941T-1E/4MX. Datasheet(PDF) 5 Page - Microchip Technology

Part # PAC1941T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1941T-1E/4MX. Datasheet(HTML) 5 Page - Microchip Technology

  PAC1941T-1E/4MX. Datasheet HTML 1Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 2Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 3Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 4Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 5Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 6Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 7Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 8Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 5
PAC194X
1.0
ELECTRICAL CHARACTERISTICS
1.1
Electrical Specifications
Absolute Maximum Ratings(†)
VDD Pin ...........................................................................................................................................................-0.3 to 6.0V
Voltage on SENSE- and SENSE+ Pins ...........................................................................................................-0.3 to 40V
Voltage on Any Other Pin to GND...................................................................................................................-0.3 to 6.0V
Voltage between Sense Pins (|(SENSE+ – SENSE-)|) .........................................................................................500 mV
Input Current to Any Pin Except VDD ..................................................................................................................±100 mA
Output Short-Circuit Current ........................................................................................................................... Continuous
Operating Ambient Temperature Range..................................................................................................-40°C to +150°C
Storage Temperature Range...................................................................................................................-55°C to +150°C
ESD Rating – All Pins – HBM..................................................................................................................................7500V
ESD Rating – All Pins – CDM..................................................................................................................................2000V
ESD Protection Diagram
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure above maximum rating conditions for
extended periods may affect device reliability.
Note:
The SENSE+ and SENSE- pins may be at 9V (40V absolute maximum) when VDD is at zero.
SDA
SCL
PWRDN
SLOW/
ALERT1
ADDR
GPIO/
ALERT2
VDD
VSS
CLAMP
CIRCUIT
SENSE0+
SENSE0-
SENSE1+
SENSE1-
SENSE2+
SENSE2-
SENSE3+
SENSE3-
(floating ESD rail)
(~40V breakdown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com