Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1941T-1E/4MX. Datasheet(PDF) 51 Page - Microchip Technology

Part # PAC1941T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1941T-1E/4MX. Datasheet(HTML) 51 Page - Microchip Technology

Back Button PAC1941T-1E/4MX. Datasheet HTML 47Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 48Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 49Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 50Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 51Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 52Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 53Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 54Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 51
PAC194X
REGISTER 7-10:
SMBUS SETTINGS (1CH) REGISTER
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
GPIO_
DATA2
GPIO_
DATA1
ANY_ALERT
POR
TIMEOUT
BYTE
COUNT
NO SKIP
I2C_
HISPEED
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Bits in this register may be written or read at any time and are active immediately. Refresh is not required to activate
them or update them.
bit 7
GPIO_DATA2: R/W data for the pin GPIO/ALERT2 if the pin is configured as a GPIO pin. See
Register 7-2 to configure GPIO/ALERT2 as a GPIO pin.
0 = Pull the GPIO pin low when configured to be an output (default)
1 = GPIO pin pulled to external VIO via an external resistor when configured to be an output
bit 6
GPIO_DATA1: R/W data for the pin SLOW/ALERT1 if the pin is configured as a GPIO pin. See
Register 7-2 to configure SLOW/ALERT1 as a GPIO pin.
0 = Pull the GPIO pin low when configured to be an output (default)
1 = GPIO pin pulled to external VIO via an external resistor when configured to be an output
bit 5
ANY_ALERT: This bit is set by any of the active ALERT functions being triggered, except ALERT_CC.
This bit is cleared when the ALERT function that set the bit is cleared. See Section 5.16.2, "ALERT
Pin Assignments".
0 = No ALERT condition has occurred (default)
1 = An ALERT condition has occurred, read Register 7-20 for cause
bit 4
POR: The POR bit is for the purpose of enabling the system designer to learn if the chip is reset after
it is programed. The user can clear this bit after POR and then monitor it to detect if the device was
powered cycled or somehow reset since the POR. If the reset is detected in this manner, any
non-default programming can be reprogrammed. This bit is only reset by the internal POR, which can
occur from power cycling or the PWRDN pin going low.
0 = This bit has been cleared over I2C since the last POR occurred
1 = Default. This bit has the POR default value of ‘1’ and has not been cleared since the last reset
occurred
bit 3
TIMEOUT enable bit. The SMBus time-out is disabled by default and is enabled by setting this bit.
0 = No SMBus time-out feature (default)
1 = SMBus time-out feature is available
bit 2
BYTE COUNT: This bit causes Byte Count data to be included in the response to the SMBus Block
Read command for each register read. This functionality is disabled by default and Block Read
corresponds to the I2C protocol.
0 = No Byte Count in response to a Block Read command (default)
1 = Data in response to a Block Read command include the Byte Count data
bit 1
NO SKIP: This bit controls the auto-incrementing of the address pointer for channels that are inactive.
0 = The auto-incrementing pointer will skip over addresses used by/for channels that are inactive
(default)
1 = The auto-incrementing pointer will not skip over addresses used by/for channels that are inactive.
When these channels are disabled, if a read is performed, it will read FF.
bit 0
I2C_HISPEED: Setting this bit enables the 3.4 MHz I2C operation by changing the pulse-width
parameters of the Pulse Gobbler. Default = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com