Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/300H Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # H8/300H
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/300H Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button H8/300H Datasheet HTML 29Page - Renesas Technology Corp H8/300H Datasheet HTML 30Page - Renesas Technology Corp H8/300H Datasheet HTML 31Page - Renesas Technology Corp H8/300H Datasheet HTML 32Page - Renesas Technology Corp H8/300H Datasheet HTML 33Page - Renesas Technology Corp H8/300H Datasheet HTML 34Page - Renesas Technology Corp H8/300H Datasheet HTML 35Page - Renesas Technology Corp H8/300H Datasheet HTML 36Page - Renesas Technology Corp H8/300H Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 552 page
background image
Section 1 Overview
Rev. 3.00 May 15, 2007 Page 1 of 516
REJ09B0152-0300
Section 1 Overview
1.1
Features
• High-speed H8/300H central processing unit with an internal 16-bit architecture
 Upward-compatible with H8/300 CPU on an object level
 Sixteen 16-bit general registers
 62 basic instructions
• Various peripheral functions
 RTC (can be used as a free-running counter)
 Asynchronous event counter (AEC)
 Timer B1
 Timer W
 Watchdog timer
 SCI (asynchronous or clock synchronous serial communication interface)
 SSU (synchronous serial communication unit)*
 I2C bus interface (conforms to the I2C bus interface format that is advocated by Philips
Electronics)*
 10-bit A/D converter
 Comparators
Note: * SSU and IIC2 are shared.
• On-chip memory
Product Classification
Model
ROM
RAM
Flash memory version
(F-ZTAT
TM version)
H8/38602RF
HD64F38602R
16 Kbytes
1 Kbyte
H8/38602R
HD64338602R
16 Kbytes
1 Kbyte
Masked ROM version
H8/38600R
HD64338600R
8 Kbytes
512 bytes
Note:
F-ZTAT
TM is a trademark of Renesas Technology Corp.
• General I/O ports
 I/O pins: 13 I/O pins, including three large current ports (I
OL = 15 mA, @VOL = 1.0 V)
 Input-only pins: 6 input pins (also used as analog input pins)
• Supports various power-down states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com