Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/300H Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # H8/300H
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/300H Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button H8/300H Datasheet HTML 71Page - Renesas Technology Corp H8/300H Datasheet HTML 72Page - Renesas Technology Corp H8/300H Datasheet HTML 73Page - Renesas Technology Corp H8/300H Datasheet HTML 74Page - Renesas Technology Corp H8/300H Datasheet HTML 75Page - Renesas Technology Corp H8/300H Datasheet HTML 76Page - Renesas Technology Corp H8/300H Datasheet HTML 77Page - Renesas Technology Corp H8/300H Datasheet HTML 78Page - Renesas Technology Corp H8/300H Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 552 page
background image
Section 3 Exception Handling
Rev. 3.00 May 15, 2007 Page 43 of 516
REJ09B0152-0300
Source Origin
Exception Sources
Vector
Number
Vector Address
Priority
WDT
WDT overflow (interval timer)
31
H'003E to H'003F
High
Asynchronous
event counter
Asynchronous event counter
overflow
32
H'0040 to H'0041
Timer B1
Overflow
33
H'0042 to H'0043
Synchronous serial
communication unit
(SSU)/
IIC2*
Overrun error (SSU)
Transmit data empty (SSU)
Transmit end (SSU)
Receive data full (SSU)
Conflict error (SSU)/
Transmit data empty (IIC2)
Transmit end (IIC2)
Receive data full (IIC2)
NACK detection (IIC2)
Arbitration (IIC2)
Overrun error (IIC2)
34
H'0044 to H'0045
Timer W
Input capture A/compare match A
Input capture B/compare match B
Input capture C/compare match C
Input capture D/compare match D
Overflow
35
H'0046 to H'0047
Reserved for system use
36
H'0048 to H'0049
SCI3
Transmit end
Transmit data empty
Receive data full
Overrun error
Framing error
Parity error
37
H'004A to H'004B
A/D converter
A/D conversion end
38
H'004C to H'004D
Reserved for system use
39
H'004E to H'004F
Low
Note:
*
The SSU and IIC share the same vector address. When using the IIC, shift the SSU to
standby mode using CKSTPR2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com