Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/300H Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # H8/300H
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/300H Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button H8/300H Datasheet HTML 30Page - Renesas Technology Corp H8/300H Datasheet HTML 31Page - Renesas Technology Corp H8/300H Datasheet HTML 32Page - Renesas Technology Corp H8/300H Datasheet HTML 33Page - Renesas Technology Corp H8/300H Datasheet HTML 34Page - Renesas Technology Corp H8/300H Datasheet HTML 35Page - Renesas Technology Corp H8/300H Datasheet HTML 36Page - Renesas Technology Corp H8/300H Datasheet HTML 37Page - Renesas Technology Corp H8/300H Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 552 page
background image
Section 1 Overview
Rev. 3.00 May 15, 2007 Page 2 of 516
REJ09B0152-0300
• Compact package
Package
Code
Body Size
Pin Pitch
Remarks
P-VQFN-32
TNP-32
5
× 6 mm
0.5 mm
P-LQFP-32
32P6U-A
7
× 7 mm
0.8 mm
1.2
Internal Block Diagram
Subclock oscillator
H8/300H CPU
System clock oscillator
P10/AEVH/FTIOA/TMOW/CLKOUT
P11/AEVL/FTCI (/
IRQ1)
P12/IRQAEC/AECPWM
Vcc
AVcc
Vss
RES
TEST/
ADTRG
NMI*1
P90/
SCS/SCL
P91/SSCK/SDA
P92/SSO (/
IRQ0)
P93/SSI (/
IRQ1)
X1
X2
OSC1
OSC2
PB0/AN0/
IRQ0
PB1/AN1/
IRQ1
PB2/AN2
PB3/AN3
PB4/AN4/COMP0
PB5/AN5/COMP1
P82/FTIOB
P83/FTIOC
P84/FTIOD
P30/SCK3/VCref (/
IRQ0)
P31/RXD3/IrRXD
P32/TXD3/IrTXD
ROM
Watchdog timer
Timer B1
10-bit A/D converter
Asynchronous
event counter
I2C bus
interface 2 *2
SCI3/IrDA
Notes: 1. The
NMI pin is not available when the E7 or on-chip emulator debugger is used.
2. SSU and IIC2 are shared.
RAM
Power-on reset circuit
Realtime clock
Timer W
Comparators
SSU*2
E7_0
E7_1
E7_2
Figure 1.1 Internal Block Diagram of H8/38602R Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com