| Electronic Components Datasheet Search |
|
H8/300H Datasheet(PDF) 76 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/300H Datasheet(HTML) 76 Page - Renesas Technology Corp |
|
76 / 552 page ![]() Section 3 Exception Handling Rev. 3.00 May 15, 2007 Page 44 of 516 REJ09B0152-0300 3.2 Reset A reset has the highest exception priority. There are three sources to generate a reset. Table 3.2 lists the reset sources. Table 3.2 Reset Sources Reset Source Description RES pin Low level input Power-on reset circuit When the power supply voltage (Vcc) rises For details, see section 19, Power-On Reset Circuit. Watchdog timer When the counter overflows For details, see section 12, Watchdog Timer. 3.2.1 Reset Exception Handling When a reset source is generated, all the processing in execution is terminated and this LSI enters the reset state. The internal state of the CPU and the registers of the on-chip peripheral modules are initialized by a reset. To ensure that this LSI is reset, handle the RES pin as shown below. • When power is supplied, or the system clock oscillator is stopped Hold the RES pin low until oscillation of the system clock oscillator has stabilized. • When the system clock oscillator is operating Hold the RES pin low for the t REL state, which is specified as the electrical characteristics. After a reset source is generated, this LSI starts reset exception handling as follows. 1. The internal state of the CPU and the registers of the on-chip peripheral modules are initialized, and the I bit in CCR is set to 1. 2. The reset exception handling vector address (H'0000 and H'0001) is read and transferred to the PC, and then program execution starts from the address indicated by the PC. The reset exception handling sequence by the RES pin is shown in figure 3.1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |